Electronic Components Datasheet Search
  English  ▼

X  

PC97307 Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 117Page - National Semiconductor (TI) PC97307 Datasheet HTML 118Page - National Semiconductor (TI) PC97307 Datasheet HTML 119Page - National Semiconductor (TI) PC97307 Datasheet HTML 120Page - National Semiconductor (TI) PC97307 Datasheet HTML 121Page - National Semiconductor (TI) PC97307 Datasheet HTML 122Page - National Semiconductor (TI) PC97307 Datasheet HTML 123Page - National Semiconductor (TI) PC97307 Datasheet HTML 124Page - National Semiconductor (TI) PC97307 Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 218 page
background image
121
Parallel Port (Logical Device 4)
www.national.com
6.5.3
ECP Data Register (DATAR),
Bits 7-5 of ECR = 000 or 001, Offset 000h
The ECP Data Register (DATAR) register is the same as
the DTR register (see Section 6.2.2), except that a read al-
ways returns the values of the PD7-0 signals instead of the
register latched data.
FIGURE 6-17. DATAR Register Bitmap
6.5.4
ECP Address FIFO (AFIFO) Register,
Bits 7-5 of ECR = 011, Offset 000h
The ECP Address FIFO Register (AFIFO) is write only. In
the forward direction (when bit 5 of DCR is 0) a byte written
into this register is pushed into the FIFO and tagged as a
command.
Reading this register returns undefined contents. Writing to
this register in a backward direction (when bit 5 of DCR is 1)
has no effect and the data is ignored.
FIGURE 6-18. AFIFO Register Bitmap
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Data Register
(DATAR)
Offset 000h
D2
D4
D5
D6
D7
D0
D1
D3
Bits 7-5 of ECR = 000 or 001
Data Bits
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Address Register
(AFIFO)
Offset 000h
A2
A4
A5
A6
A7
A0
A1
A3
Bits 7-5 of ECR = 011
Address Bits
6.5.5
ECP Status Register (DSR), Offset 001h
This read-only register displays device status. Writes to this
DSR have no effect and the data is ignored.
This register should not be confused with the DSR register
of the Floppy Disk Controller (FDC).
FIGURE 6-19. ECP DSR Register Bitmap
Bits 0 - EPP Time-Out Status
In EPP modes only, this is the time-out status bit. In all
other modes this bit has no function and has the con-
stant value 1.
This bit is cleared when an EPP mode is enabled.
Thereafter, this bit is set to 1 when a time-out occurs in
an EPP cycle and is cleared when DSR is read.
In EPP modes:
0 - An EPP mode is set. No time-out occurred since
DSR was last read.
1 - Time-out occurred on EPP cycle (minimum of 10
µsec). (Default)
Bits 2,1 - Reserved
These bits are reserved and are always 1.
Bit 3 - ERR Status
This bit reflects the status of the ERR signal.
0 - Printer error.
1 - No printer error.
Bit 4 - SLCT Status
This bit reflects the status of the Select signal. The print-
er sets this signal high when it is online and selected
0 - Printer not selected. (Default)
1 - Printer selected and on-line.
Bit 5 - PE Status
This bit reflects the status of the Paper End (PE) signal.
0 - Paper not ended.
1 - No paper in printer.
Bit 6 - ACK Status
This bit reflects the status of the ACK signal. This signal
is pulsed low after a character is received.
0 - Character received.
1 - No character received. (Default)
76543210
Reset
Required
1
1
1
1
1
ECP Status Register
(DSR)
Offset 001h
Reserved
SLCT Status
PE Status
ACK Status
Printer Status
EPP Time-Out Status
Reserved
ERR Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com