Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 126Page - National Semiconductor (TI) PC87338 Datasheet HTML 127Page - National Semiconductor (TI) PC87338 Datasheet HTML 128Page - National Semiconductor (TI) PC87338 Datasheet HTML 129Page - National Semiconductor (TI) PC87338 Datasheet HTML 130Page - National Semiconductor (TI) PC87338 Datasheet HTML 131Page - National Semiconductor (TI) PC87338 Datasheet HTML 132Page - National Semiconductor (TI) PC87338 Datasheet HTML 133Page - National Semiconductor (TI) PC87338 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 221 page
background image
130
www.national.com
FIGURE 66. CTR Register Bitmap (EPP Mode)
The bits of this register have the identical function in
EPP modes as in SPP modes. See Section 4.2.5 for
a detailed description of each bit.
4.3.6
EPP Address Register, Offset 3
This port is added in EPP mode to enhance system
throughput by enabling registers in the remote device
to be directly addressed by hardware.
This port can be read or written. Writing to it initiates
an EPP device or register selection operation.
FIGURE 67. DTR Register Bitmap (EPP Mode)
4.3.7
EPP Data Port 0, Offset 4
This is a read/write port. Accessing it initiates device
read or write operations of bits 7-0.
FIGURE 68. DTR Register Bitmap (EPP Mode)
4.3.8
EPP Data Port 1, Offset 5
This is the second EPP data port. It is only accessed
to transfer bits 15 through 8 of a 16-bit read or write to
data port 0.
FIGURE 69. DTR Register Bitmap (EPP Mode)
4.3.9
EPP Data Port 2, Offset 6
This is the third EPP data port. It is only accessed to
transfer bits 16 to 23 of a 32-bit read or write to data
port 0.
FIGURE 70. EPP Data Port 2 Bitmap
76
54
321
0
Reset
Required
0
0
0
0
0
0
1
1
SPP or EPP Control
Register (CTR)
Offset 2
Printer Initialization Control (INIT)
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Address
Register
Offset 3
EPP Device or
Register Selection
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 0
Offset 4
EPP Device
Read or Write
Bits 7-0
D2
D4
D5
D6
D7
D0
D1
D3
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 1
Offset 5
D10
D12
D13
D14
D15
D8
D9
D11
EPP Device
Read or Write
Bits 15-8
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
EPP Data
Port 2
Offset 6
D18
D20
D21
D22
D23
D16
D17
D19
EPP Device
Read or Write
Bits 23-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com