Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 128Page - National Semiconductor (TI) PC87338 Datasheet HTML 129Page - National Semiconductor (TI) PC87338 Datasheet HTML 130Page - National Semiconductor (TI) PC87338 Datasheet HTML 131Page - National Semiconductor (TI) PC87338 Datasheet HTML 132Page - National Semiconductor (TI) PC87338 Datasheet HTML 133Page - National Semiconductor (TI) PC87338 Datasheet HTML 134Page - National Semiconductor (TI) PC87338 Datasheet HTML 135Page - National Semiconductor (TI) PC87338 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 221 page
background image
132
www.national.com
FIGURE 73. EPP 1.7 Address Read
EPP 1.7 Data Write and Read
This procedure writes to the selected peripheral de-
vice or register.
An EPP 1.7 data read or write operations are similar
to the EPP 1.7 address read or write operations, ex-
cept that the data strobe (DSTRB signal), and a data
register, replace the address strobe (ASTRB signal)
and the address register respectively.
EPP Revision 1.7 Zero Wait State (ZWS)
Address and Data Write and Read
Operations
To configure the device for zero wait states, set bit 5
of FCR to 1 and clear bit 6 of FCR to 0. When bit 5 of
FCR is 1, the EPP revision is always 1.7, i.e., it is not
affected by bit 1 of PCR.
The following procedure performs a short write to the
selected peripheral device or register. See also Fig-
ure 74.
1. The system writes a byte to the EPP address reg-
ister. WR goes low to latch D7-0 into the data reg-
ister. The latch drives the data register to PD7-0.
2. The EPP first pulls WRITE low, and then pulls
ASTRB low to indicate that data has been sent.
3. If WAIT was high during the system write cycle,
ZWS goes low and IOCHRDY stays high.
4. When the system pulls WR high, the EPP pulls
ASTRB, ZWS and then WRITE to high. The EPP
can change PD7-0 only when WRITE and ASTRB
are high.
5. If the peripheral is fast enough to pull WAIT low
before the system terminates the write cycle, the
EPP pulls IOCHRDY to low, but does not pull ZWS
to low, thus carrying out a normal (non-ZWS EPP
1.7) write operation.
FIGURE 74. EPP Write with Zero Wait States
A read operation is similar, except for the data direc-
tion, activation of RD instead of WR, and WRITE
stays high.
EPP 1.7 zero wait state data write and read opera-
tions are similar to EPP zero wait state address write
and read operations, with the exception that the data
strobe (DSTRB signal), and a data register, replace
the address strobe (ASTRB signal) and the address
register, respectively.
EPP 1.9 Address Write
The following procedure selects a peripheral or regis-
ter as shown in Figure 75.
1. The system writes a byte to the EPP address reg-
ister.
2. The EPP pulls IOCHRDY low, and waits for WAIT
to become low.
3. When WAIT becomes low, the EPP pulls WRITE
to low and drives the latched byte onto PD7-0. If
WAIT was already low, steps 2 and 3 occur con-
currently.
4. The EPP pulls ASTRB low and waits for WAIT to
become high.
5. When WAIT becomes high, the EPP stops pulling
IOCHRDY low, and waits for WR to become high.
6. When WR becomes high, the EPP pulls ASTRB
high, and waits for WAIT to become low.
7. If no EPP write is pending when WAIT becomes
low, the EPP pulls WRITE to high. Otherwise,
WRITE remains low, and the EPP may change
PD7-0.
D7-0
RD
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
ZWS
D7-0
WR
WAIT
DSTRB or
WRITE
PD7-0
IOCHRDY
ZWS
ASTRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com