Electronic Components Datasheet Search
  English  ▼

X  

STV2050A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 4Page - STMicroelectronics STV2050A Datasheet HTML 5Page - STMicroelectronics STV2050A Datasheet HTML 6Page - STMicroelectronics STV2050A Datasheet HTML 7Page - STMicroelectronics STV2050A Datasheet HTML 8Page - STMicroelectronics STV2050A Datasheet HTML 9Page - STMicroelectronics STV2050A Datasheet HTML 10Page - STMicroelectronics STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
8/83
STV2050A - GENERAL OVERVIEW
1.3 APPLICATION CIRCUIT
An application circuit with 2nd EEPROM, Electrical Offset and Gain Adjustment Loop and Op-
tical Sensors is shown in the following figure.
Figure 4. Application Circuit
11 TEST
14 ECLK
R
B
G
To Video
16 VIDR
17 VIDG
18 VIDB
10 VBLK
VCCA 50
3.3 V Analog
R
B
G
PORA 80
PORB 79
PORC 78
R
G
B
OGAV 58
OGAH 57
H
V
13 REST
+15 V
-15 V
27 SYNH
28 SYNV
Deflection
H
V
3.3 V
26 VCCF
20 GNDD
3.3 V
3.3 V Analog
71 ADS0
8 SDAI
I²C Bus to µP
9 SCLS
22 GRES
2 SCLM
1 SDAM
3.3 V
3.3 V
25 FLT2
7 SDAO
DATA
CLK
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V Analog
3.3 V 3.3 V
3.3 V 3.3 V
3.3 V
Focus
F
43 GNDG
41 GNDH
29 GNDJ
4 GNDK
30 GNDL
76 GNDM
15 GNDN
3 GNDQ
42 VCCH
31 VCCJ
6 VCCK
32 VCCL
73 VCCM
12 VCCN
5 VCCQ
24 FILT
Filter
3.3 V
3.3 V
-3.3 V
3.3 V
Ext. + Int. RESET
3.3 V
44 VCCG
DARH 52
DNRH 51
DAGH 49
DNGH 48
DABH 46
DNBH 45
GNDA 47
3.3 V Analog
VCCB 62
DARV 66
DNRV 65
DAGV 64
DNGV 63
DABV 61
DNBV 60
GNDB 59
GNDI 53
REFN 54
REFC 55
GNDP 56
POUT 77
VCCC 70
DACF 69
FREF 68
GNDC 67
OPTI 72
OPTT 74
MLIN 75
Filter
21 OSCL
3.3 V
8
7
6
5
1
2
3
4
A 010
8
7
6
5
1
2
3
4
M24164
A 011
+3.3 V
H
V
+3.3 V
H
V
+3.3 V
H
V
+3.3 V
-3.3 V
Horizontal
Vertical
TBU0 40
TBU7 33
8 Ports
23 GNDF
19 VCCD
3.3 V Digital
M24164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com