Electronic Components Datasheet Search
  English  ▼

X  

STV2050A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 6Page - STMicroelectronics STV2050A Datasheet HTML 7Page - STMicroelectronics STV2050A Datasheet HTML 8Page - STMicroelectronics STV2050A Datasheet HTML 9Page - STMicroelectronics STV2050A Datasheet HTML 10Page - STMicroelectronics STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics STV2050A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
10/83
STV2050A - GENERAL OVERVIEW
37
TBU3
X
I²C BUS Expander
38
TBU2
X
I²C BUS Expander
39
TBU1
X
I²C BUS Expander
40
TBU0
X
I²C BUS Expander
41
GNDH
Analog Supply: Ground
42
VCCH
D/A Interface Analog Supply: 3.3 V
43
GNDG
Analog Supply: Ground
44
VCCG
Analog Supply: 3.3 V
45
DNBH
HZ
Horiz. Convergence Output: Blue, negative
46
DABH
HZ
Horiz. Convergence Output: Blue, positive
47
GNDA
Horiz. Convergence Output Supply: Ground
48
DNGH
HZ
Horiz. Convergence Output: Green, negative
49
DAGH
HZ
Horiz. Convergence Output: Green, positive
50
VCCA
HZ
Horiz. Convergence Output Supply: 3.3 V
51
DNRH
HZ
Horiz. Convergence Output: Red, negative
52
DARH
HZ
Horiz. Convergence Output: Red, positive
53
GNDI
Floating GND for bandgap filter
54
REFN
Reference Current
Code 0(hex)
IREF Loop for H&V Convergence & Focus
55
REFC
X
Filter pin for IREF current
56
GNDP
IREF GND for Bandgap
57
OGAH
HZ
Horiz. Reference output for electrical loop
58
OGAV
HZ
Vert. Reference output for electrical loop
59
GNDB
HZ
Vert. Convergence Output Supply: Ground
60
DNBV
HZ
Vert. Convergence Output: Blue, negative
61
DABV
HZ
Vert. Convergence Output: Blue, positive
62
VCCB
Vert. Convergence Output Supply: 3.3 V
63
DNGV
HZ
Vert. Convergence Output: Green, negative
64
DAGV
HZ
Vert. Convergence Output: Green, positive
65
DNRV
HZ
Vert. Convergence Output: Red, negative
66
DARV
HZ
Vert. Convergence Output: Red, positive
67
GNDC
Focus Supply: Ground
68
FOCR
Focus Reference Output
69
FOCS
Focus Signal Output
70
VCCC
Focus Supply
71
ADS0
I²C Slave Bus Address Selection
72
OPTI
Input for optical sensor support
73
VCCM
Ring / Inputs Digital Supply: 3.3 V
74
OPTT
Input
I pin: Latched at measuring line or with sys. clock;
O pin: Push/pull, output can be switched to high
impedance
75
MLIN
"0"
Measuring Line Signal Output
76
GNDM
Digital Supply: Ground
Pin No.
Pin Name
Reset Status
and Remarks
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com