Electronic Components Datasheet Search
  English  ▼

X  

STV2050A Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 46Page - STMicroelectronics STV2050A Datasheet HTML 47Page - STMicroelectronics STV2050A Datasheet HTML 48Page - STMicroelectronics STV2050A Datasheet HTML 49Page - STMicroelectronics STV2050A Datasheet HTML 50Page - STMicroelectronics STV2050A Datasheet HTML 51Page - STMicroelectronics STV2050A Datasheet HTML 52Page - STMicroelectronics STV2050A Datasheet HTML 53Page - STMicroelectronics STV2050A Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
50/83
STV2050A - CONVERGENCE
The insertion type is selected using the GOS bit in the D4 register.
The direction is selected by the HVM bit in the D4 register.
9.7.3 Gain Cursor Mode
See Figure 27 "Gain Cursors" on page 51.
This mode is normally used in conjunction with the corresponding video pattern. (Refer to Sec-
tion 7.5 "GAIN ADJUSTMENT LINES" on page 38).
The STV2050A can generate a special convergence signal (cursor) controlled by the GCD bit
in the E3 register.
The cursor action is selected by the DHV bit in the E3 register.
During the gain measuring lines:
– The dynamic values are replaced for each channel by the CRH[7:0] and CRV[7:0] bits for
red, CGH[7:0] and CGV[7:0] bits for green and CBH[7:0] and CBV[7:0] for blue in the DC and
DD registers for horizontal and vertical values, respectively.
– The polarity of these latter values may be changed using the PMH and PMV bits in the D5
register for horizontal and vertical values, respectively.
– The gain value is stored in the E0 register for the coarse value, but the fine values are stored
in the MVR[7:0] bits for red, MVG[7:0] bits for green and MVB[7:0] bits for blue in the E8 reg-
ister.
In vertical cursor mode, the resulting values applied to the DACs are first positive, then in-
verted on the following TV line. In horizontal mode, the values are inverted at each TV line.
9.7.4 Field Offset Cursor Mode
See Figure 27 "Gain Cursors" on page 51.
This mode is normally used in conjunction with the corresponding video pattern. (Refer to Sec-
tion 7.5 "GAIN ADJUSTMENT LINES" on page 38.)
GOS
0: Field offset canceller
1: Gain compensation
HVM
0 = Vertical
1 = Horizontal
GCD
0 = Cursor Off
1 = Cursor On
DHV
0 = Horizontal Cursor
1 = Vertical Cursor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com