Electronic Components Datasheet Search
  English  ▼

X  

STV2050A Datasheet(PDF) 58 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 54Page - STMicroelectronics STV2050A Datasheet HTML 55Page - STMicroelectronics STV2050A Datasheet HTML 56Page - STMicroelectronics STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
58/83
STV2050A - ELECTRICAL LOOP
11.5.2 OGAH and OGAV Pins
The OGAH (pin 57) and OGAV (pin 58) pins are multi-level output pins. In addition to the
normal digital output function (logical “0” and “1”), they can drive a very stable current and can
be switched to high impedance. The stable current and the high impedance can be used to
generate the reference voltage across a grounded resistor for the gain and offset detection
comparators.
Each pad is controlled by two corresponding bits in the E4 register.
Figure 32. E4 Register
Attention: The OGAV and OGAH pins cannot both drive IREF at the same time.
GAH[1:0]
0 0 = High impedance
0 1 = “0”
1 0 = Iref
1 1 = “1”
GAV[1:0]
0 0 = High impedance
0 1 = “0”
1 0 = Iref
1 1 = “1”
OGAH
OGAV
2
GAV
control bit 1
GAV
control bit 2
GAH
control bit 1
GAH
control bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com