Electronic Components Datasheet Search
  English  ▼

X  

STV2050A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 5Page - STMicroelectronics STV2050A Datasheet HTML 6Page - STMicroelectronics STV2050A Datasheet HTML 7Page - STMicroelectronics STV2050A Datasheet HTML 8Page - STMicroelectronics STV2050A Datasheet HTML 9Page - STMicroelectronics STV2050A Datasheet HTML 10Page - STMicroelectronics STV2050A Datasheet HTML 11Page - STMicroelectronics STV2050A Datasheet HTML 12Page - STMicroelectronics STV2050A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
9/83
STV2050A - GENERAL OVERVIEW
1.4 PIN DESCRIPTION AND PINOUT DIAGRAM
The following legend applies to the Pin Description Table below:
X = Undefined
HZ = High Impedance
"0" = Low Level Output
"1" = High Level Output
Table 1. Pin Description
Pin No.
Pin Name
Reset Status
and Remarks
Description
1
SDAM
HZ
Master Bus: "Data"
2
SCLM
Master Bus: "Clock"
3
GNDQ
Digital Supply: Ground
4
GNDK
Digital Supply: Ground
5
VCCQ
Core / RAM Digital Supply: 3.3 V
6
VCCK
Core / Digital Supply: 3.3 V
7
SDAO
"0"
Slave Bus: "Data" output
8
SDAI
Slave Bus: "Data" input
9
SCLS
Slave Bus: "Clock"
10
VBLK
Video Pattern Blanking
11
TEST
Must be grounded
Reserved
12
VCCN
Shield Supply Digital Supply: 3.3 V
13
REST
"0"
Reset
14
ECLK
Must be grounded
Reserved
15
GNDN
Digital Supply: "Ground"
16
VIDR
0 Volts
Video Pattern Output: "Red"
17
VIDG
0 Volts
Video Pattern Output: "Green"
18
VIDB
0 Volts
Video Pattern Output: "Blue"
19
VCCD
Video Generator Supply: 3.3 V
20
GNDD
Video Generator Supply: Ground
21
OSCL
HZ
RC for internal oscillator
22
GRES
HZ
R for internal oscillator
23
GNDF
PLL Supply: Ground
24
FILT
HZ
Filter for PLL
25
FLT2
HZ
Filter for PLL
26
VCCF
Supply PLL: 3.3 V
27
SYNH
Horizontal Synchronization input
28
SYNV
Vertical Synchronization input
29
GNDJ
Digital Supply: Ground
30
GNDL
Digital Supply: Ground
31
VCCJ
Core Digital Supply: 3.3 V
32
VCCL
Ring / Buffer Digital Supply: 3.3 V
33
TBU7
X
I²C BUS Expander
34
TBU6
X
I²C BUS Expander
35
TBU5
X
I²C BUS Expander
36
TBU4
X
I²C BUS Expander



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com