Electronic Components Datasheet Search
  English  ▼

X  

STV2050A Datasheet(PDF) 61 Page - STMicroelectronics

Part # STV2050A
Description  AUTOMATIC MULTISCAN DIGITAL CONVERGENCE PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2050A Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STV2050A Datasheet HTML 57Page - STMicroelectronics STV2050A Datasheet HTML 58Page - STMicroelectronics STV2050A Datasheet HTML 59Page - STMicroelectronics STV2050A Datasheet HTML 60Page - STMicroelectronics STV2050A Datasheet HTML 61Page - STMicroelectronics STV2050A Datasheet HTML 62Page - STMicroelectronics STV2050A Datasheet HTML 63Page - STMicroelectronics STV2050A Datasheet HTML 64Page - STMicroelectronics STV2050A Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
61/83
STV2050A - CURRENT REFERENCE
13 CURRENT REFERENCE
The STV2050A delivers accurate and stabilized currents used to drive the convergence and
focus functions. It has an embedded voltage reference (band gap), which is used to generate
a reference current (IrefN)
The nominal voltage on the REFN pin is 500 mV. The Irefn current must be adjusted to 500
uA. This is obtained by using a temperature stable external resistor of 1 k
Ω. The reference
voltage may be adjusted by using the BGA[4:0] bits in the D5 register.
Figure 34. Current and Voltage References
STV2050A
-
+
REFC
Band gap
voltage
reference
REFN
VREFN
IREFN
BGA[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com