Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 17Page - Texas Instruments LM2595 Datasheet HTML 18Page - Texas Instruments LM2595 Datasheet HTML 19Page - Texas Instruments LM2595 Datasheet HTML 20Page - Texas Instruments LM2595 Datasheet HTML 21Page - Texas Instruments LM2595 Datasheet HTML 22Page - Texas Instruments LM2595 Datasheet HTML 23Page - Texas Instruments LM2595 Datasheet HTML 24Page - Texas Instruments LM2595 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
LM2595
www.ti.com
SNVS122C – MAY 1999 – REVISED MAY 2016
Product Folder Links: LM2595
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
The output ripple voltage is a function of the inductor sawtooth ripple current and the ESR of the output
capacitor. A typical output ripple voltage can range from approximately 0.5% to 3% of the output voltage. To
obtain low ripple voltage, the ESR of the output capacitor must be low; however, caution must be exercised when
using extremely low ESR capacitors because they can affect the loop stability, resulting in oscillation problems. If
very low output ripple voltage is required (less than 20 mV), TI recommends a post ripple filter (see Figure 32).
The inductance required is typically between 1 μH and 5 μH, with low DC resistance, to maintain good load
regulation. A low ESR output filter capacitor is also required to assure good dynamic load response and ripple
reduction. The ESR of this capacitor may be as low as desired, because it is out of the regulator feedback loop.
Figure 22 shows a typical output ripple voltage, with and without a post ripple filter.
When observing output ripple with a scope, it is essential that a short, low inductance scope probe ground
connection be used. Most scope probe manufacturers provide a special probe terminator which is soldered onto
the regulator board, preferably at the output capacitor. This provides a very short scope ground, thus eliminating
the problems associated with the 3 inch ground lead normally provided with the probe, and provides a much
cleaner and more accurate picture of the ripple voltage waveform.
The voltage spikes are caused by the fast switching action of the output switch and the diode, the parasitic
inductance of the output filter capacitor, and its associated wiring. To minimize these voltage spikes, the output
capacitor must be designed for switching regulator applications, and the lead lengths must be kept very short.
Wiring inductance, stray capacitance, as well as the scope probe used to evaluate these transients, all contribute
to the amplitude of these spikes.
When a switching regulator is operating in the continuous mode, the inductor current waveform ranges from a
triangular to a sawtooth type of waveform (depending on the input voltage). For a given input and output voltage,
the peak-to-peak amplitude of this inductor current waveform remains constant. As the load current increases or
decreases, the entire sawtooth current waveform also rises and falls. The average value (or the center) of this
current waveform is equal to the DC load current.
If the load current drops to a low enough level, the bottom of the sawtooth current waveform will reach zero, and
the switcher will smoothly change from a continuous to a discontinuous mode of operation. Most switcher
designs (regardless how large the inductor value is) will be forced to run discontinuous if the output is lightly
loaded. This is a perfectly acceptable mode of operation.
Figure 31. Peak-to-Peak Inductor
Ripple Current vs Load Current
In a switching regulator design, knowing the value of the peak-to-peak inductor ripple current (ΔIIND) can be
useful for determining a number of other circuit parameters. Parameters such as, peak inductor or peak switch
current, minimum load current before the circuit becomes discontinuous, output ripple voltage and output
capacitor ESR can all be calculated from the peak-to-peak ΔIIND. When the inductor nomographs shown in
Figure 27 through Figure 30 are used to select an inductor value, the peak-to-peak inductor ripple current can
immediately be determined. Figure 31 shows the range of (ΔIIND) that can be expected for different load currents.
Figure 31 also shows how the peak-to-peak inductor ripple current (ΔIIND) changes from the lower border to the
upper border (for a given load current) within an inductance region. The upper border represents a higher input
voltage, while the lower border represents a lower input voltage (see Inductor Selection).
These curves are only correct for continuous mode operation, and only if the inductor selection guides are used
to select the inductor value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com