Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 8Page - Texas Instruments LM2595 Datasheet HTML 9Page - Texas Instruments LM2595 Datasheet HTML 10Page - Texas Instruments LM2595 Datasheet HTML 11Page - Texas Instruments LM2595 Datasheet HTML 12Page - Texas Instruments LM2595 Datasheet HTML 13Page - Texas Instruments LM2595 Datasheet HTML 14Page - Texas Instruments LM2595 Datasheet HTML 15Page - Texas Instruments LM2595 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12
LM2595
SNVS122C – MAY 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2595
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
This example uses the LM2595 5-V version to generate a
−5-V output, but other output voltages are possible by
selecting other output voltage versions, including the adjustable version.
Because this regulator topology can produce an output voltage that is either greater than or less than the input
voltage, the maximum output current greatly depends on both the input and output voltage. Figure 19 provides a
guide as to the amount of output load current possible for the different input and output voltage conditions.
The maximum voltage appearing across the regulator is the absolute sum of the input and output voltage, and
this must be limited to a maximum of 40 V. For example, when converting 20 V to
−12 V, the regulator would see
32 V between the input pin and ground pin. The LM2595 has a maximum input voltage spec of 40 V.
Additional diodes are required in this regulator configuration. Diode D1 is used to isolate input voltage ripple or
noise from coupling through the CIN capacitor to the output, under light or no load conditions. Also, this diode
isolation changes the topology to closely resemble a buck configuration thus providing good closed loop stability.
TI recommends a Schottky diode for low input voltages (because of its lower voltage drop), but for higher input
voltages, a fast recovery diode could be used.
Without diode D3, when the input voltage is first applied, the charging current of CIN can pull the output positive
by several volts for a short period of time. Adding D3 prevents the output from going positive by more than a
diode voltage.
This circuit has hysteresis.
Regulator starts switching at VIN = 13 V
Regulator stops switching at VIN = 8 V
Figure 17. Undervoltage Lockout With Hysteresis For Inverting Regulator
CIN – 220-μF, 25-V tantalum Sprague 595D
120-μF, 50-V electrolytic Panasonic HFQ
COUT – 22-μF, 20-V tantalum Sprague 595D
120-μF, 25-V electrolytic Panasonic HFQ
Figure 18. Inverting
−5-V Regulator With Delayed Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com