Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 28Page - Texas Instruments LM2595 Datasheet HTML 29Page - Texas Instruments LM2595 Datasheet HTML 30Page - Texas Instruments LM2595 Datasheet HTML 31Page - Texas Instruments LM2595 Datasheet HTML 32Page - Texas Instruments LM2595 Datasheet HTML 33Page - Texas Instruments LM2595 Datasheet HTML 34Page - Texas Instruments LM2595 Datasheet HTML 35Page - Texas Instruments LM2595 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
32
LM2595
SNVS122C – MAY 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2595
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Layout Examples (continued)
CIN – 150-μF, 50-V aluminium electrolytic Nichicon, PL series
COUT – 120-μF, 25-V aluminium electrolytic Nichicon, PL series
D1 – 3-A, 40-V Schottky rectifier, 1N5822
L1 – 68-μH, L30, Schottky through-hole
R1 – 1-kΩ, 1%
R2 – Use formula in Detailed Design Procedure
CFF – See Table 7
Figure 39. Typical Through-Hole PCB Layout, Adjustable Output (1X Size)
11.3 Thermal Considerations
The LM2595 is available in two packages: a 5-pin TO-220 (NDH) and a 5-pin surface-mount TO-263 (KTT).
The TO-220 package can be used without a heat sink for ambient temperatures up to approximately 50°C
(depending on the output voltage and load current). Figure 40 shows the LM2595T junction temperature rises
above ambient temperature for different input and output voltages. The data tor these curves was taken with the
LM2595T (TO-220 package) operating as a switching regulator in an ambient temperature of 25°C (still air).
These temperature rise numbers are all approximate and there are many factors that can affect these
temperatures. Higher ambient temperatures require some heat sinking, either to the PCB or a small external heat
sink.
The TO-263 surface-mount package tab is designed to be soldered to the copper on a printed-circuit board
(PCB). The copper and the board are the heat sink for this package and the other heat producing components,
such as the catch diode and inductor. The PCB copper area that the package is soldered to must be at least 0.4
in2, and ideally must have 2 or more square inches of 2 oz (0.0028 in) copper. Additional copper area improves
the thermal characteristics, but with copper areas greater than approximately 3 in2, only small improvements in
heat dissipation are realized. If further thermal improvements are required, TI recommends using double sided or
multilayer PCB with large copper areas.
Figure 41 show the LM2595S (TO-263 package) junction temperature rise above ambient temperature with a 1-A
load for various input and output voltages. This data was taken with the circuit operating as a buck switching
regulator with all components mounted on a PCB to simulate the junction temperature under actual operating
conditions. This curve can be used for a quick check for the approximate junction temperature for various
conditions, but be aware that there are many factors that can affect the junction temperature.
For the best thermal performance, wide copper traces and generous amounts of PCB copper must be used in
the board layout. (One exception to this is the output (switch) pin, which must not have large areas of copper.)
Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and
moving air lowers the thermal resistance even further.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com