Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 13Page - Texas Instruments LM2595 Datasheet HTML 14Page - Texas Instruments LM2595 Datasheet HTML 15Page - Texas Instruments LM2595 Datasheet HTML 16Page - Texas Instruments LM2595 Datasheet HTML 17Page - Texas Instruments LM2595 Datasheet HTML 18Page - Texas Instruments LM2595 Datasheet HTML 19Page - Texas Instruments LM2595 Datasheet HTML 20Page - Texas Instruments LM2595 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
17
LM2595
www.ti.com
SNVS122C – MAY 1999 – REVISED MAY 2016
Product Folder Links: LM2595
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 24. Capacitor ESR vs Capacitor Voltage Rating (Typical Low ESR Electrolytic Capacitor)
Table 1. Output Capacitor and Feedforward Capacitor Selection Table
OUTPUT
VOLTAGE
(V)
THROUGH-HOLE OUTPUT CAPACITOR
SURFACE-MOUNT OUTPUT CAPACITOR
PANASONIC HFQ
SERIES (µF/V)
NICHICON PL
SERIES (µF/V)
FEEDFORWARD
CAPACITOR
AVX TPS
SERIES (µF/V)
SPRAGUE 595D
SERIES (µF/V)
FEEDFORWARD
CAPACITOR
9
180/25
180/25
1.5 nF
100/16
180/16
1.5 nF
12
120/25
120/25
1.5 nF
68/20
120/20
1.5 nF
15
120/25
120/25
1.5 nF
68/20
100/20
1.5 nF
24
82/35
82/35
1 nF
33/25
33/35
220 pF
28
82/50
82/50
1 nF
10/35
33/35
220 pF
9.1.4 Catch Diode
Buck regulators require a diode to provide a return path for the inductor current when the switch turns off. This
must be a fast diode and must be placed close to the LM2595 using short leads and short printed circuit traces.
Because of their very fast switching speed and low forward voltage drop, Schottky diodes provide the best
performance, especially in low output voltage applications (5 V and lower). Ultra-fast recovery, or high-efficiency
rectifiers are also a good choice, but some types with an abrupt turnoff characteristic may cause instability or
EMI problems. Ultra-fast recovery diodes typically have reverse recovery times of 50 ns or less. Rectifiers such
as the 1N5400 series are much too slow and must not be used.
Figure 25. Capacitor ESR Change vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com