Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 10Page - Texas Instruments LM2595 Datasheet HTML 11Page - Texas Instruments LM2595 Datasheet HTML 12Page - Texas Instruments LM2595 Datasheet HTML 13Page - Texas Instruments LM2595 Datasheet HTML 14Page - Texas Instruments LM2595 Datasheet HTML 15Page - Texas Instruments LM2595 Datasheet HTML 16Page - Texas Instruments LM2595 Datasheet HTML 17Page - Texas Instruments LM2595 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Before
Ripple
Filter
5 mV/div
Alter
Ripple
Filter
2 µsec/div
14
LM2595
SNVS122C – MAY 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2595
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 21. Inverting Regulator Ground Referenced Shutdown Using Opto Device
8.4 Device Functional Modes
8.4.1 Discontinuous Mode Operation
The selection guide chooses inductor values suitable for continuous mode operation, but for low current
applications or high input voltages, a discontinuous mode design may be a better choice. Discontinuous mode
would use an inductor that would be physically smaller, and would need only one half to one third the inductance
value required for a continuous mode design. The peak switch and inductor currents will be higher in a
discontinuous design, but at these low load currents (400 mA and below), the maximum switch current will still be
less than the switch current limit.
Discontinuous operation can have voltage waveforms that are considerably different than a continuous design.
The output pin (switch) waveform can have some damped sinusoidal ringing present (see Typical
Characteristics). This ringing is normal for discontinuous operation, and is not caused by feedback loop
instabilities. In discontinuous operation, there is a period of time where neither the switch nor the diode are
conducting, and the inductor current has dropped to zero. During this time, a small amount of energy can
circulate between the inductor and the switch/diode parasitic capacitance causing this characteristic ringing.
Normally this ringing is not a problem, unless the amplitude becomes great enough to exceed the input voltage,
and even then, there is very little energy present to cause damage.
Different inductor types and/or core materials produce different amounts of this characteristic ringing. Ferrite core
inductors have very little core loss and therefore produce the most ringing. The higher core loss of powdered iron
inductors produce less ringing. If desired, a series RC could be placed in parallel with the inductor to dampen the
ringing.
Figure 22. Post Ripple Filter Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com