Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 9Page - Texas Instruments LM2595 Datasheet HTML 10Page - Texas Instruments LM2595 Datasheet HTML 11Page - Texas Instruments LM2595 Datasheet HTML 12Page - Texas Instruments LM2595 Datasheet HTML 13Page - Texas Instruments LM2595 Datasheet HTML 14Page - Texas Instruments LM2595 Datasheet HTML 15Page - Texas Instruments LM2595 Datasheet HTML 16Page - Texas Instruments LM2595 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
LM2595
www.ti.com
SNVS122C – MAY 1999 – REVISED MAY 2016
Product Folder Links: LM2595
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 19. Inverting Regulator Typical Load Current
Because of differences in the operation of the inverting regulator, the standard design procedure is not used to
select the inductor value. In the majority of designs, a 68-μH, 1.5-A inductor is the best choice. Capacitor
selection is narrowed down to just a few values. Using the values shown in Figure 18 will provide good results in
the majority of inverting designs.
This type of inverting regulator can require relatively large amounts of input current when starting up, even with
light loads. Input currents as high as the LM2595 current limit (approximately 1.5 A) are required for at least 2 ms
or more, until the output reaches its nominal output voltage. The actual time depends on the output voltage and
the size of the output capacitor. Input power sources that are current limited or sources that can not deliver these
currents without getting loaded down, may not work correctly. Because of the relatively high start-up currents
required by the inverting topology, the delayed start-up feature (C1, R1 and R2) shown in Figure 18 is
recommended. By delaying the regulator start-up, the input capacitor is allowed to charge up to a higher voltage
before the switcher begins operating. A portion of the high input current required for start-up is now supplied by
the input capacitor (CIN). For severe start up conditions, the input capacitor can be made much larger than
normal.
8.3.4 Inverting Regulator Shutdown Methods
Using the ON/OFF pin in a standard buck configuration is simple. To turn the regulator ON, pull the ON/OFF pin
below 1.3 V (at 25°C referenced to ground). To shut the regulator OFF, pull the ON/OFF pin above 1.3 V. With
the inverting configuration, some level shifting is required, because the ground pin of the regulator is no longer at
ground, but is now setting at the negative output voltage level. Two different shutdown methods for inverting
regulators are shown in Figure 20 and Figure 21.
Figure 20. Inverting Regulator Ground Referenced Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com