Electronic Components Datasheet Search
  English  ▼

X  

APW8707B Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW8707B Datasheet HTML 3Page - Anpec Electronics Coropration APW8707B Datasheet HTML 4Page - Anpec Electronics Coropration APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration APW8707B Datasheet HTML 10Page - Anpec Electronics Coropration APW8707B Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
7
APW8707B
Pin Descriptions
PIN
NUMBER
NAME
FUNCTION
1
OCB
Faul t In dication Pin . Th is pin g oes lo w when a curre nt limit co ndition is detected a fter a 1ms
de glitch time.
2
EN
E nable P in. Lo gic h igh ena bles the d evi ce . Log ic low disabl es the device. The p in i s not flo ating.
3
SMO D
S kip Mod e Inp ut. Pull SMO DE h igh to e nte r d iode emul ation or skip mod e.
4 ,2 9
AGND
S ignal G round for The IC. All voltage levels are measure d with respect to this p in. Ti e this pin to the
gro und islan d/plane thro ugh the lowest impe dance connection avail able.
5
OCPCT
O CP De-b ounce Time Control pi n. Placin g a cap aci to r from OCPCT to groun d ca n set a de-b ounce
time fo r o ve r-curren t pro tection, The de -bou nce time can be calculated by fo llowing equ ation:
TOCP_DEBOUNCE = (COCPCT x VREF1 )/IOCPCT.
wher e, COCPCT is th e extern al ca pacitor p lacing at O CPCT pin .
V
REF1 a nd IOCPCT are bot h interna l pa rameters , re fe r to Ele ct rical Chrac teristic s.
Whe n l oad exceed OCP thresho ld, set b y ROCSET at O CS ET pi n, an d the O CP even t persists over
TOCP_DEBOUNCE , O CP l atch-o ff will be gra nted.
If the OCPCT is not uesd, me aning that the re is no n eed for OCP d ebou nce co ntro l, OCP CT pin
can be le ft o pen.
7 ,2 7
NC
No Conne ctio n.
6
PWM
PW M Drive Logic In put.
8 ,9 ,1 0,11,32
V IN
S upply Volta ge In put P in fo r P ower Stag e.
12,13,14 ,15 ,1 6,
17 ,1 8,1 9
PGND
P owe r g roun d.
20,21,22 ,23 ,2 4,
2 5
L X
Junction Po int of Th e Hig h-side and Lo w- sid e MO SFET. Con nect the output LC filter fo r PW M
ou tp ut voltage.
2 6
BS T
High -Side G ate Driver P owe r Inp ut P in. Conn ect a 0.1uF ca pacito r from BS T to LX .
2 8
V CC
S upply vo lta ge input pin for co ntrol ci rcu itry. De coupli ng at lea st 1uF o f a MLCC capa citor from the
V CC pin to the AGND pin.
3 0
OCSE T
O ver -Cu rrent Setting Input. Con nect a resisto r to GND to set the OCP trip level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com