Electronic Components Datasheet Search
  English  ▼

X  

APW8707B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8707B Datasheet HTML 1Page - Anpec Electronics Coropration APW8707B Datasheet HTML 2Page - Anpec Electronics Coropration APW8707B Datasheet HTML 3Page - Anpec Electronics Coropration APW8707B Datasheet HTML 4Page - Anpec Electronics Coropration APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
3
APW8707B
Absolute Maximum Ratings (Note 1)
S ymbol
Pa ram ete r
Rating
Unit
VCC
VCC to GND Voltage
-0.3 ~ 7
V
V IN
VIN to PGND Vo ltag e
-0 .3 ~ 3 0
V
V
LX
LX to P GND Voltag e
>20ns Pulse Width
<20ns Pulse Width
-0 .3 ~ 3 0
-5 ~ 3 8
V
V BST
BST to G ND Voltage
-0 .3 ~ 3 7
V
V
BST-V LX
BST to L X Vo ltag e
-0.3 ~ 7
V
O the r Pins
EN,S MOD, OCSE T an d PW M to AG ND Voltage
-0.3 ~ VCC+0.3
V
AGND to P GND Voltage
-0 .3 ~0.3
V
TJ
Ju nctio n Temp erature
15 0
o
C
TSTG
Sto rage Temperature
-65 ~ 1 50
o
C
TSDR
Ma xim um Le ad So lderin g Tempe ratu re(10 S econds)
30 0
o C
Note1: Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“recom-
mended operating conditions
” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
S ymbol
Pa ram ete r
Typical Value
Unit
θ
JA
Ju nctio n-to-Ambie nt Resista nce i n free a ir
(N ote 2)
TQ FN5 x5- 30
25
o C/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
S ymbol
Pa ra meter
Range
Unit
VCC
V CC to AG ND Voltage
4.5 ~ 5.5
V
V IN
V IN to P GND Voltage
4 .5 ~ 2 5
V
Ma ximum Continu ous Output Cu rrent
1 3
A
IOUT
Ma ximum Pe ak O utp ut Curr ent
25
A
FPWM
P WM O peratio n Freq uency
0.1 ~ 1.5
MHz
TA
A mbien t Tem perature
-4 0 ~ 85
oC
T
J
Ju nction Tempe rature
- 40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com