Electronic Components Datasheet Search
  English  ▼

X  

APW8707B Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8707B Datasheet HTML 1Page - Anpec Electronics Coropration APW8707B Datasheet HTML 2Page - Anpec Electronics Coropration APW8707B Datasheet HTML 3Page - Anpec Electronics Coropration APW8707B Datasheet HTML 4Page - Anpec Electronics Coropration APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
5
APW8707B
Electrical Characteristics
AP W870 7B
P arame ter
Test Conditions
Min
Typ
Ma x
Unit
EN INPUT AND SMO D Input
E N/SMO D Input Logic High
2.0
-
-
V
E N/SMO D Input Logic Low
-
-
0 .8
V
E N/SMO D Input Cu rrent
V EN = 5V or VSMOD=5 V
- 1
-
1
uA
GATE DRIVE R TIM INGS (re fer t o Figure 1 and Table 1 )
tPDLU
PW M to Hig h sid e G ate
PW M H to L to GH H to L (Note4 )
-
18
-
ns
tPDLL
PW M to Low sid e G ate
PW M L to H to GL H to L (Note4 )
-
25
-
ns
tPDHU
LS to HS Gate Deadtime
G L H to L to G H L to H (No te 4)
-
20
-
ns
t
PDHL
HS to LS Gate Deadtime
G H H to L to GL L to H (No te 4)
-
20
-
ns
Note4: Not tested in production.
Unless otherwise specified, these specifications apply over V
CC = VEN = 5V, VIN =12V and TA = 25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com