Electronic Components Datasheet Search
  English  ▼

X  

APW8707B Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration APW8707B Datasheet HTML 10Page - Anpec Electronics Coropration APW8707B Datasheet HTML 11Page - Anpec Electronics Coropration APW8707B Datasheet HTML 12Page - Anpec Electronics Coropration APW8707B Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
9
APW8707B
Operating Waveforms (Cont.)
1
2
3
VOCB
VLX
VPWM
VBST
4
CH1: VOCB, 5V/Div
CH2: VLX, 5V/Div
CH3: VBST, 5V/Div
CH4: VPWM, 5V/Div
Time: 100us/Div
Thermal Shutdown
1
2
3
4
CH1: VOCB, 5V/Div
CH2: VLX, 5V/Div
CH3: VBST, 5V/Div
CH4: VPWM, 5V/Div
Time: 4us/Div
Thermal Shutdown release
VOCB
VLX
VPWM
VBST
PWM Operation
VLX
VPWM
CH1: VLX, 5V/Div
CH2: VPWM, 2V/Div
Time: 80ns/Div
1
2
OCP Threshold & OCB
CH1: VLX, 5V/Div
CH2: VOCSET, 200mV/Div
CH3: VOCB, 5V/Div
Time: 100us/Div
1
2
3
VLX
VOCSET
VOCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com