Electronic Components Datasheet Search
  English  ▼

X  

APW8707B Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8707B Datasheet HTML 1Page - Anpec Electronics Coropration APW8707B Datasheet HTML 2Page - Anpec Electronics Coropration APW8707B Datasheet HTML 3Page - Anpec Electronics Coropration APW8707B Datasheet HTML 4Page - Anpec Electronics Coropration APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
4
APW8707B
Electrical Characteristics
AP W870 7B
Pa ram ete r
Test Conditions
Min
Typ
Max
Unit
SUPPLY CURRE NT
E N = High , PWM = High, S MOD=L
-
90
120
u A
E N = High , PWM = Low, SMOD=L
-
60
90
u A
IVCC
V CC Su pply Current
E N = L ow
-
-
1.0
u A
POWE R- ON-RESE T(P OR)
V CC Rising PO R Thresold
3.9
4.2
4.5
V
V CC PO R Hyster esis
100
150
200
mV
POWE R STAGE
RON_H
Hig h-side swi tch on resistance
-
9.7
-
m
Ω
RON_L
L ow-side swi tch on resista nce
-
5.2
-
m
Ω
I
LX
L X Leakag e Cu rrent
V
IN = V CC = LX = 25 V, E N = G ND
-1
-
1
u A
V IN Pin L eakage Curre nt
E N = L ow, V IN=25V
-
-
1
u A
B OO T Pin Curre nt
V BOOT-PGND=30V, VLX=25V
-
-
1
u A
ZE RO CURRENT DE TE CT
VZC
Zer o Cu rrent De te ct
V LX - P GND
-5
-
5
mV
Over-Curre nt P rotec tion(OCP)
IOCSET
O CSET Cu rrent Sour ce
9
10
11
µA
VOCP
O CP Thre sh old
-
190
-
mV
I
OC PCT
O CPCT Internal Curr ent for for OCP
Deb ounce Tim e S ettin g
-
TB D
-
µA
VREF1
O CPCT Internal Refere nce Vol tage for
O CP De boun ce Time S ettin g
-
TB D
-
V
O CB Output Low Vo lta ge
S ink Curr ent=5m A
-
0.5
0.7
V
O CB Leakag e Cu rrent
V OCB=5V
-
-
1
u A
tD(OCB) OCB Deglitch TIm e
O CB g o l ow
-
0.6
-
ms
Over-Tem perature Prot ection (OTP)
TOTR
O TP Rising Thresh old
-
145
-
o
C
O TP
Hyster esi s
-
45
-
oC
PWM INPUT P IN
V PWM Risin g
3.6
3.9
4.1
V
V PWM
P WM Inpu t Log ic Thresho ld
V
PWM F alling
1
1.2
1.4
V
V PWM Risin g
1.0
1.3
1.6
V
VTRI
Tri-state Inpu t Rising Log ic Threshol d
hysteresis
140
280
420
mV
V PWM Falling
3.4
3.7
4.0
V
VTRI
Tri-state Inpu t Fallin g L ogic Th resh old
hysteresis
85
170
255
mV
IPWM
P WM P in input cu rrent
S ource/ Sink , VPWM = 0V to 5V
-1
-
1
u A
Unless otherwise specified, these specifications apply over V
CC = VEN = 5V, VIN =12V and TA = 25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com