Electronic Components Datasheet Search
  English  ▼

X  

APW8707B Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW8707B
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707B Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW8707B Datasheet HTML 4Page - Anpec Electronics Coropration APW8707B Datasheet HTML 5Page - Anpec Electronics Coropration APW8707B Datasheet HTML 6Page - Anpec Electronics Coropration APW8707B Datasheet HTML 7Page - Anpec Electronics Coropration APW8707B Datasheet HTML 8Page - Anpec Electronics Coropration APW8707B Datasheet HTML 9Page - Anpec Electronics Coropration APW8707B Datasheet HTML 10Page - Anpec Electronics Coropration APW8707B Datasheet HTML 11Page - Anpec Electronics Coropration APW8707B Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2016
www.anpec.com.tw
8
APW8707B
Operating Waveforms
Enable
CH1: VEN, 5V/Div
CH2: VLX, 5V/Div
CH3: VPWM, 5V/Div
Time: 10us/Div
1
2
3
VEN
VLX
VPWM
Shutdown
CH1: VEN, 5V/Div
CH2: VLX, 5V/Div
CH3: VPWM, 5V/Div
Time: 10us/Div
1
2
3
VEN
VLX
VPWM
VLX
VPWM
UG turn off, LG turn on
UG turn off, LG turn on
1.5V
1.5V
CH1: VLX, 5V/Div
CH2: VPWM, 2V/Div
Time: 10us/Div
1
2
Tri-State
1
2
3
VLX
VPWM
VCC
CH1: VPWM, 5V/Div
CH2: VLX, 5V/Div
CH3: VCC, 2V/Div
Time: 1ms/Div
VCC Power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com