Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPW Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 21Page - Texas Instruments TSC2007IPW Datasheet HTML 22Page - Texas Instruments TSC2007IPW Datasheet HTML 23Page - Texas Instruments TSC2007IPW Datasheet HTML 24Page - Texas Instruments TSC2007IPW Datasheet HTML 25Page - Texas Instruments TSC2007IPW Datasheet HTML 26Page - Texas Instruments TSC2007IPW Datasheet HTML 27Page - Texas Instruments TSC2007IPW Datasheet HTML 28Page - Texas Instruments TSC2007IPW Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
When the TSC2007 powers up, the power-down bits must be written to ensure that the device is placed into the
mode that achieves the lowest power. Therefore, immediately after power-up, send a command byte that sets
PD1 = PD0 = 0, so that the device will be in the lowest power mode, powering down between conversions.
Table 3. Converter Function Select
INPUT TO
A/D
REFERENCE
C3
C2
C1
C0
FUNCTION
CONVERTER
X-DRIVERS
Y-DRIVERS
ACK
MODE
0
0
0
0
Measure TEMP0
TEMP0
OFF
OFF
Y
Single-Ended
0
0
0
1
Reserved
N/A
OFF
OFF
N
Single-Ended
0
0
1
0
Measure AUX
AUX
OFF
OFF
Y
Single-Ended
0
0
1
1
Reserved
N/A
OFF
OFF
N
Single-Ended
0
1
0
0
Measure TEMP1
TEMP1
OFF
OFF
Y
Single-Ended
0
1
0
1
Reserved
N/A
OFF
OFF
N
Single-Ended
0
1
1
0
Reserved
N/A
OFF
OFF
N
Single-Ended
0
1
1
1
Reserved
N/A
OFF
OFF
N
Single-Ended
1
0
0
0
Activate X-drivers
N/A
ON
OFF
Y
Differential
1
0
0
1
Activate Y-drivers
N/A
OFF
ON
Y
Differential
1
0
1
0
Activate Y+, X-drivers
N/A
X– ON
Y+ ON
Y
Differential
1
0
1
1
Setup command(1)
N/A
OFF
OFF
N
N/A
1
1
0
0
Measure X position
Y+
ON
OFF
Y
Differential
1
1
0
1
Measure Y position
X+
OFF
ON
Y
Differential
1
1
1
0
Measure Z1 position
X+
X– ON
Y+ ON
Y
Differential
1
1
1
1
Measure Z2 position
Y–
X– ON
Y+ ON
Y
Differential
(1)
The setup command has an additional four bits of data. These data are static; that is, they are not changed by other commands, except
for the power-on reset. The default value for these bits after power-on reset is 0000. Table 4 shows the definition of these data bits.
Table 4. Command Byte Definition for the Setup Command
BIT
NAME
DESCRIPTION
D7-D4
C3-C0 = '1011'
Setup command; must write '1011'.
D3-D2
PD1-PD0 = '00'
Reserved; must write '00'.
0: Use the onboard MAV filter (default).
D1
Filter control
1: Bypass the onboard MAV filter.
0: RIRQ = 50kΩ (default).
D0
PENIRQ pull-up resistor (RIRQ) select
1: RIRQ = 90kΩ.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com