Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 27Page - Texas Instruments TSC2007IPW Datasheet HTML 28Page - Texas Instruments TSC2007IPW Datasheet HTML 29Page - Texas Instruments TSC2007IPW Datasheet HTML 30Page - Texas Instruments TSC2007IPW Datasheet HTML 31Page - Texas Instruments TSC2007IPW Datasheet HTML 32Page - Texas Instruments TSC2007IPW Datasheet HTML 33Page - Texas Instruments TSC2007IPW Datasheet HTML 34Page - Texas Instruments TSC2007IPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
POWER-ON RESET (POR)
1.2Vto3.6V
0.9V
0.3V
0V
V
DD
t
VDD_OFF_RAMP
t
VDD_OFF
t
VDD_ON_RAMP
Temperature( C)
°
-40
-20
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
RecommendedV
OffTime
forT = 40 Cto+85 C
-
°
°
DD
A
TypicalV
OffTimeforVariousTemperatures
DD
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
During TSC2007 power-up, an internal power-on reset (POR) is automatically implemented. The POR brings the
TSC to the default working condition, and checks the A0 and A1 pins for the two LSBs of the I2C address. The
TSC2007 senses the power-up curve to decide whether or not to implement a POR.
It is required to follow the power-on/off slope and interval requirements, as provided in the Electrical
Characteristics, in order to ensure a proper POR of the TSC2007.
Figure 35. Power-On Reset Timing
Table 7. Timing Requirements for Figure 35
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD off ramp
TA = –40°C to +85°C
2
kV/s
TA = –40°C to +85°C, VDD = 0V
1.2
s
VDD off time
TA = –20°C to +85°C, VDD = 0V
0.3
s
VDD on ramp
TA = –40°C to +85°C
12
kV/s
Figure 36. VDD Off Time vs Temperature
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com