Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 3Page - Texas Instruments TSC2007IPW Datasheet HTML 4Page - Texas Instruments TSC2007IPW Datasheet HTML 5Page - Texas Instruments TSC2007IPW Datasheet HTML 6Page - Texas Instruments TSC2007IPW Datasheet HTML 7Page - Texas Instruments TSC2007IPW Datasheet HTML 8Page - Texas Instruments TSC2007IPW Datasheet HTML 9Page - Texas Instruments TSC2007IPW Datasheet HTML 10Page - Texas Instruments TSC2007IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TIMING REQUIREMENTS: I
2C Fast Mode (SCL = 400kHz)
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
All specifications typical at –40°C to +85°C, VDD = 1.6V, unless otherwise noted.
2-WIRE FAST MODE PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL clock frequency
fSCL
0
400
kHz
Bus free time between a STOP and START condition
tBUF
1.3
µs
Hold time (repeated) START condition
tHD, STA
0.6
µs
Low period of SCL clock
tLOW
1.3
µs
High period of the SCL clock
tHIGH
0.6
µs
Setup time for a repeated START condition
tSU, STA
0.6
µs
Data hold time
tHD, DAT
0
0.9
µs
Data setup time
tSU, DAT
100
ns
Rise time for both SDA and SCL signals (receiving)
tR
Cb = total bus capacitance
20+0.1×Cb
300
ns
Fall time for both SDA and SCL signals (receiving)
tF
Cb = total bus capacitance
20+0.1×Cb
300
ns
Fall time for both SDA and SCL signals (transmitting)
tF
Cb = total bus capacitance
20+0.1×Cb
250
ns
Setup time for STOP condition
tSU, STO
0.6
µs
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
8 bits
40 SCL + 127 CCLK, VDD = 1.8V
134.7
µs
Cycle time
12 bits
49 SCL + 148 CCLK, VDD = 1.8V
203.4
µs
8 bits
VDD = 1.8V
7.42
kSPS
Effective throughput
12 bits
VDD = 1.8V
4.92
kSPS
8 bits
VDD = 1.8V
51.97
kHz
Equivalent rate = effective throughput × 7
12 bits
VDD = 1.8V
34.42
kHz
TIMING REQUIREMENTS: I
2C High-Speed Mode (SCL = 1.7MHz)
All specifications typical at –40°C to +85°C, VDD = 1.6V, unless otherwise noted.
2-WIRE HIGH-SPEED MODE PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL clock frequency
fSCL
0
1.7
MHz
Hold time (repeated) START condition
tHD, STA
160
ns
Low period of SCL clock
tLOW
320
ns
High period of the SCL clock
tHIGH
120
ns
Setup time for a repeated START condition
tSU, STA
160
ns
Data hold time
tHD, DAT
0
150
ns
Data setup time
tSU, DAT
10
ns
Rise time for SCL signal (receiving)
tR
Cb = total bus capacitance
20
80
ns
Rise time for SDA signal (receiving)
tR
Cb = total bus capacitance
20
160
ns
Fall time for SCL signal (receiving)
tF
Cb = total bus capacitance
20
80
ns
Fall time for SDA signal (receiving)
tF
Cb = total bus capacitance
20
160
ns
Fall time for both SDA and SCL signals (transmitting)
tF
Cb = total bus capacitance
20
160
ns
Setup time for STOP condition
tSU, STO
160
ns
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
8 bits
40 SCL + 127 CCLK, VDD = 1.8V
58.2
µs
Cycle time
12 bits
49 SCL + 148 CCLK, VDD = 1.8V
109.7
µs
8 bits
VDD = 1.8V
17.17
kSPS
Effective throughput
12 bits
VDD = 1.8V
9.12
kSPS
8 bits
VDD = 1.8V
120.22
kHz
Equivalent rate = effective throughput × 7
12 bits
VDD = 1.8V
63.81
kHz
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com