Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 6Page - Texas Instruments TSC2007IPW Datasheet HTML 7Page - Texas Instruments TSC2007IPW Datasheet HTML 8Page - Texas Instruments TSC2007IPW Datasheet HTML 9Page - Texas Instruments TSC2007IPW Datasheet HTML 10Page - Texas Instruments TSC2007IPW Datasheet HTML 11Page - Texas Instruments TSC2007IPW Datasheet HTML 12Page - Texas Instruments TSC2007IPW Datasheet HTML 13Page - Texas Instruments TSC2007IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Temperature( C)
°
-40
-20
6
4
2
0
-2
-4
-6
20
0
40
60
80
100
V
=1.8V
DD
Temperature( C)
°
-40
-20
6
4
2
0
-2
-4
-6
20
0
40
60
80
100
V
=1.8V
DD
11
10
9
8
7
6
5
4
3
1.2
1.6
2.0
2.4
2.8
3.2
3.6
V
(V)
DD
Y+
X+
Y-
X-
-40
-20
0
20
40
60
80
100
Temperature(°C)
6
5
4
3
2
Y+
X+,Y+:V
=3.0VtoPin
DD
X-,Y-:PintoGND
Y-
X-
X+
-40
-20
0
20
40
60
80
100
Temperature(°C)
8
7
6
5
4
3
2
Y+
X+,Y+:V
=1.8VtoPin
DD
X ,Y :PintoGND
-
-
Y-
X-
X+
-40
-20
0
20
40
60
80
100
Temperature(°C)
850
800
750
700
650
600
550
500
450
400
V
=1.8V
DD
TEMP2
94.2mV
TEMP1
MeasurementIncludes
A/DConverterOffset
andGainErrors
137.5mV
TSC2007
SBAS405A – MARCH 2007 – REVISED MARCH 2009...................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, Fast mode, 12-bit mode, non-continuous AUX measurement,
and MAV filter enabled (see MAV Filter section), unless otherwise noted.
CHANGE IN GAIN
CHANGE IN OFFSET
vs TEMPERATURE
vs TEMPERATURE
Figure 8.
Figure 9.
SWITCH ON-RESISTANCE
SWITCH ON-RESISTANCE
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 10.
Figure 11.
SWITCH ON-RESISTANCE
TEMP DIODE VOLTAGE
vs TEMPERATURE
vs TEMPERATURE
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com