Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPW Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2007IPW Datasheet HTML 23Page - Texas Instruments TSC2007IPW Datasheet HTML 24Page - Texas Instruments TSC2007IPW Datasheet HTML 25Page - Texas Instruments TSC2007IPW Datasheet HTML 26Page - Texas Instruments TSC2007IPW Datasheet HTML 27Page - Texas Instruments TSC2007IPW Datasheet HTML 28Page - Texas Instruments TSC2007IPW Datasheet HTML 29Page - Texas Instruments TSC2007IPW Datasheet HTML 30Page - Texas Instruments TSC2007IPW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
READ A CONVERSION/READ CYCLE
SDA
SCL
1
0
0
1
0
A1 A0 R/W
1
0
D11 D10
D9 D8 D7 D6 D5 D4
0
D3 D2 D1
D0
0
0
0
0
1
START
TSC2007
ACK
MASTER
ACK
MASTER
NACK
STOPor
Repeated
START
AddressByte
DataByte1
DataByte2
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
For best performance, the I2C bus should remain in an idle state while an A/D conversion is taking place. This
idling prevents digital clock noise from affecting the bit decisions being made by the TSC2007. The master
should wait for at least 10
µs before attempting to read data from the TSC2007 to realize this best performance.
However, the master does not need to wait for a completed conversion before beginning a read from the slave, if
full 12-bit performance is not necessary.
Data access begins with the master issuing a START condition followed by the address byte (see Table 1) with
R/W = 1.
When the eighth bit has been received and the address matches, the slave issues an acknowledge. The first
byte of serial data then follows (D11-D4, MSB first).
After the first byte has been sent by the slave, it releases the SDA line for the master to issue an acknowledge.
The slave responds with the second byte of serial data upon receiving the acknowledge from the master (D3-D0,
followed by four 0 bits). The second byte is followed by a NOT acknowledge bit (ACK = 1) from the master to
indicate that the last data byte has been received. If the master somehow acknowledges the second data byte,
invalid data are returned (FFh). This condition applies to both 12-and 8-bit modes. See Figure 32 for a complete
I2C read transmission.
Figure 32. Complete I2C Serial Read Transmission
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com