Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPW
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPW Datasheet(HTML) 5 Page - Texas Instruments

  TSC2007IPW Datasheet HTML 1Page - Texas Instruments TSC2007IPW Datasheet HTML 2Page - Texas Instruments TSC2007IPW Datasheet HTML 3Page - Texas Instruments TSC2007IPW Datasheet HTML 4Page - Texas Instruments TSC2007IPW Datasheet HTML 5Page - Texas Instruments TSC2007IPW Datasheet HTML 6Page - Texas Instruments TSC2007IPW Datasheet HTML 7Page - Texas Instruments TSC2007IPW Datasheet HTML 8Page - Texas Instruments TSC2007IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AUX
NC
A0
A1
SCL
SDA
PENIRQ
NC
VDD/REF
X+
Y+
X
-
Y
-
GND
NC
NC
TSC2007
C lumns
o
(FRONTVIEW)
A
C
B
D
GND
A0
A1
VDD/REF
Y
-
Y+
X+
3
2
1
SCL
PENIRQ
SDA
AUX
X
-
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
PW PACKAGE
YZG PACKAGE
TSSOP-16
WCSP-12
(TOP VIEW)
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
PIN ASSIGNMENTS
PIN NO.
PIN
TSSOP
WCSP
NAME
I/O
A/D
DESCRIPTION
1
A2
VDD/REF
Supply voltage and external reference input
2
A3
X+
I
A
X+ channel input
3
B3
Y+
I
A
Y+ channel input
4
C3
X–
I
A
X– channel input
5
D3
Y–
I
A
Y– channel input
6
D2
GND
Ground
7
—
NC
No connection
8
—
NC
No connection
9
—
NC
No connection
10
B1
PENIRQ
O
D
Data available interrupt output. A delayed (process delay) pen touch detect. Pin polarity with active low.
11
C1
SDA
I/O
D
Serial data I/O
Serial clock. This pin is normally an input, but acts as an output when the device stretches the clock to
12
D1
SCL
I/O
D
delay a bus transfer.
13
C2
A1
I
D
Address input bit 1
14
B2
A0
I
D
Address input bit 0
15
—
NC
No connection
16
A1
AUX
I
A
Auxiliary channel input
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com