Electronic Components Datasheet Search
  English  ▼

X  

AMT49413 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # AMT49413
Description  3-Phase BLDC Controller and MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button AMT49413 Datasheet HTML 3Page - Allegro MicroSystems AMT49413 Datasheet HTML 4Page - Allegro MicroSystems AMT49413 Datasheet HTML 5Page - Allegro MicroSystems AMT49413 Datasheet HTML 6Page - Allegro MicroSystems AMT49413 Datasheet HTML 7Page - Allegro MicroSystems AMT49413 Datasheet HTML 8Page - Allegro MicroSystems AMT49413 Datasheet HTML 9Page - Allegro MicroSystems AMT49413 Datasheet HTML 10Page - Allegro MicroSystems AMT49413 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Basic Operation
The AMT49413 provides commutation and current control for
3-phasebrushlessDC(BLDC)motorswithintegratedHall-
effect sensors. The motor current is provided by an external
3-phase N-channel MOSFET bridge which is controlled by the
AMT49413, using fixed-frequency pulse-width modulation
(PWM). The use of PWM with N-channel MOSFETs provides
the most cost-effective solution for a high-efficiency motor drive.
The AMT49413 provides all the necessary circuits to ensure that
the gate-source voltage of both high-side and low-side external
MOSFETs are above 10 V, at supply voltages down to 7 V. For
extreme battery voltage drop conditions, functional operation
is guaranteed down to 5.5 V but with a reduced gate drive. The
AMT49413 also decodes the commutation sequence from three
Hall-effectsensorsspacedat120°intheelectricalcycle,and
ensures no cross-conduction (shoot-through) in the external bridge.
Individual pins provide direction, brake, and coast control.
Motor current can be sensed by a low-value sense resistor,
RSENSE, in the ground connection to the bridge, amplified and
compared to a reference value. The AMT49413 then limits the
bridge current on a cycle-by-cycle basis. Bridge current can also
be controlled using an external PWM signal with the internal cur-
rent control either disabled or used to set the absolute maximum
motor current. Specific functions are described more fully in the
following sections.
Power Supplies
Only one power connection is required because all internal
circuits are powered by integrated regulators. The main power
supply should be connected to VBB through a reverse battery
protection circuit.
V5 and V5BD A 5 V supply for external pull-up and bias cur-
rents is provided by an integrated 5 V regulator controller and an
external NPN transistor, QV5. The AMT49413 provides the base
drive current on the V5BD pin, and the 5 V reference on the V5
pin. This regulator is also used by the internal logic circuits and
must always be decoupled by at least a 200 nF capacitor, CV5,
between the V5 pin and AGND. For stability, a 100 nF capacitor,
C5BD, also should be connected between V5BD and AGND. If
an external 5 V supply is not required, the V5BD pin and the V5
pin should be connected together.
CP1, CP2, and VREG The gate drive outputs are powered by
an internal charge pump, which requires a pump capacitor, typi-
cally 470 nF, CP, connected between the CP1 and CP2 pins. The
output from the charge pump, 13 V nominal, is used to power
each of the three high- and low-side driver pairs and is also
available on the VREG pin. A sufficiently large storage capaci-
tor, CREG, must be connected to this pin to provide the tran-
sient charging current to the low-side drivers. The charge pump
also provides the charging current for the bootstrap capacitors,
CBOOTx.
An additional “top-off” charge pump is provided for each high-
side drive which allows the high-side drive to maintain the gate
voltage on the external FET indefinitely, ensuring so-called 100%
PWM if required. This is a low-current trickle charge pump
(< 100 µA typical), and is only operated after a high-side driver
has been signaled to turn on. There is a small amount of bias
current (<20 µA) drawn from the Cx pin to operate the floating
high-side circuit, and the charge pump simply provides enough
drive to ensure that the bootstrap voltage, and hence the gate volt-
age, will not droop due to this bias current. The charge required
for initial turn-on of the high-side gate is always supplied by
bootstrap capacitor charge cycles.
Hall-Effect Sensor Inputs
H1,H2,andH3Hall-effectsensorinputsareconfiguredformotors
with120°electrically-spacedHall-effectsensors,butmaybeused
for60°electricalspacingwithanexternalinverter.Hall-effectsen-
sors usually require an additional pull-up resistor to be connected
between the sensor output and 5 V. This 5 V can be provided by
theintegrated5Vregulator.Hall-effectinputshaveahysteresisof
typically 500 mV to reduce the effects of switching noise on the
Hall-effectconnectionstothemotor.Theseinputsarealsofiltered
tofurtherreducetheeffectsofswitchingnoise.TheHall-effect
inputs are pulled-up to 5 V inside the AMT49413 through a high
value(100kΩtypical)resistorinserieswithadiode.Thisinternal
pull-upmakestheHall-effectinputappearhighiftheHallsen-
sorsignalismissing,allowingdetectionofanHall-effectinput
logicfault.TheAMT49413willindicatealogicfaultwhenallHall
inputs are driven to the same logic level. The commutation truth
table for these inputs is shown in Table 2. The inputs can also be
driven directly from a microcontroller or similar external circuit.
Gate Drive
The AMT49413 is designed to drive external N-channel power
MOSFETs. They supply the large transient currents necessary to
quickly charge and discharge the gate capacitance of the external
FETs in order to reduce dissipation in the external FETs during
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com