Electronic Components Datasheet Search
  English  ▼

X  

AMT49413 Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # AMT49413
Description  3-Phase BLDC Controller and MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413 Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button AMT49413 Datasheet HTML 13Page - Allegro MicroSystems AMT49413 Datasheet HTML 14Page - Allegro MicroSystems AMT49413 Datasheet HTML 15Page - Allegro MicroSystems AMT49413 Datasheet HTML 16Page - Allegro MicroSystems AMT49413 Datasheet HTML 17Page - Allegro MicroSystems AMT49413 Datasheet HTML 18Page - Allegro MicroSystems AMT49413 Datasheet HTML 19Page - Allegro MicroSystems AMT49413 Datasheet HTML 20Page - Allegro MicroSystems AMT49413 Datasheet HTML 21Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
20
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PACKAGE OUTLINE DRAWING
For Reference Only – Not for Tooling Use
(Reference DWG-2867)
Dimensions in millimeters
NOT TO SCALE
Exact case and lead configuration at supplier discretion within limits shown
C
SEATING
PLANE
C
0.08
49X
48
48
2
1
1
2
A
A
B
C
D
D
C
0.50 BSC
7.00 BSC
7.00 BSC
0.90 NOM
0.40 NOM
B
0.25
5.15 ±0.10
5.15 ±0.10
0.50
1.00
4X0.20 MIN
7.0
7.0
48
2
1
0.30
5.15
5.15
+0.30
-0.18
PCB Layout Reference View
Terminal #1 mark area
Exposed thermal pad (reference only, terminal #1 identifier appearance at supplier discretion)
Reference land pattern layout (reference IPC7351 QFN50P700X700X100-49M);
all pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary to
meet application process requirements and PCB layout tolerances; when mounting
on a multilayer PCB, thermal vias at the exposed thermal pad land can improve
thermal dissipation (reference EIA/JEDEC Standard JESD51-5)
Coplanarity includes exposed thermal pad and terminals
Figure 5: Package EV, 48 Terminal QFN with Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com