Electronic Components Datasheet Search
  English  ▼

X  

AMT49413 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # AMT49413
Description  3-Phase BLDC Controller and MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413 Datasheet(HTML) 1 Page - Allegro MicroSystems

  AMT49413 Datasheet HTML 1Page - Allegro MicroSystems AMT49413 Datasheet HTML 2Page - Allegro MicroSystems AMT49413 Datasheet HTML 3Page - Allegro MicroSystems AMT49413 Datasheet HTML 4Page - Allegro MicroSystems AMT49413 Datasheet HTML 5Page - Allegro MicroSystems AMT49413 Datasheet HTML 6Page - Allegro MicroSystems AMT49413 Datasheet HTML 7Page - Allegro MicroSystems AMT49413 Datasheet HTML 8Page - Allegro MicroSystems AMT49413 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AMT49413
DESCRIPTION
The AMT49413 is a 3-phase brushless DC (BLDC) motor
controller for use with N-channel external power MOSFETs.
It incorporates much of the circuitry required to design a cost-
effective three-phase motor drive system.
TheAMT49413providesfunctionalityoverawideinputsupply
range. A unique charge pump regulator provides adequate
(>10V) gate drive for battery voltages down to 7V, and allows
the device to operate with a reduced gate drive at battery
voltages down to 5.5V. Power dissipation in the charge pump
is minimized by switching from a voltage doubling mode at
low supply voltage to a dropout mode at the nominal running
voltage of 14V.
A bootstrap capacitor is used to provide the above-battery
supply voltage required for N-channel MOSFETs.An internal
charge pump for the high-side drive allows for DC (100% duty
cycle) operation.
Internal fixed-frequency PWM current control circuitry can
be used to regulate the maximum load current. The peak load
current limit is set by the selection of an input reference voltage
and external sensing resistor. The PWM frequency is set by a
user-selectedexternalRCtimingnetwork.Foraddedflexibility,
AMT49413-DS
FEATURES AND BENEFITS
▪ Highcurrent3-phasegatedriveforN-channelMOSFETs
▪ Synchronousrectification
▪ Cross-conductionprotection
▪ Chargepumpandtop-offchargepumpfor100%PWM
▪ Integratedcommutationdecoderlogic
▪ Operationover5.5to50Vsupplyvoltagerange
▪ Extensivediagnosticsoutput
▪ Provides+5VHallsensorpower
▪ Low-currentsleepmode
3-Phase BLDC Controller and MOSFET Driver
Typical Application
Continued on the next page…
PACKAGE:
48-Lead QFN with exposed thermal pad
(suffix EV)
Not to scale
AMT49413
3-Phase
BLDC
Motor
Direction
Run/Stop
Current
Limit
VBAT+
October 26, 2016


Similar Part No. - AMT49413

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49106KJPTR ALLEGRO-AMT49106KJPTR Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49107 ALLEGRO-AMT49107 Datasheet
2Mb / 68P
Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-3-T ALLEGRO-AMT49107KEVSR-3-T Datasheet
2Mb / 68P
Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-5-T ALLEGRO-AMT49107KEVSR-5-T Datasheet
2Mb / 68P
Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
More results

Similar Description - AMT49413

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com