Electronic Components Datasheet Search
  English  ▼

X  

MX633 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 4 Page - Microsemi Corporation

  MX633 Datasheet HTML 1Page - Microsemi Corporation MX633 Datasheet HTML 2Page - Microsemi Corporation MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Call Progress Tone Detector
4
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2. Signal List
Package /
Pin No.
Signal
Type
Description
PDW
1
2
XTAL/CLOCK
input
Input to the on-chip oscillator, for external Xtal circuit or clock
23
XTAL
output
Output of the on-chip oscillator inverted
3
5
ENABLE
input
A logic 1 applied to this input enables the decoder and detection outputs. A
logic 0 pulse of at least 1µs applied to this input resets the decoder circuits
and forces both DETECT1 and DETECT2 outputs to a logic 0.
4
7
DETECT1
output
When a Call Progress signal is detected, DETECT1 output state changes to a
logic 1
5
10
SIGIN
input
Signal input. Signals to this pin should be ac coupled. The dc bias of this pin
is set internally.
612
VSS
power
Negative supply
7
13
DETECT2
output
Output used in conjunction with DETECT1.
When a Call Progress High Band signal is detected and DETECT1 output
state is a logic 1, then DETECT2 output state changes to a logic 1.
When a Non Call Progress signal is detected and DETECT1 output state is a
logic 0, then DETECT2 output state changes to a logic 0.
815
VDD
power
Positive supply. This pin should be bypassed to VSS by a capacitor mounted
close to the device pins.
Table 1: Signal List



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com