Electronic Components Datasheet Search
  English  ▼

X  

MX633 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation MX633 Datasheet HTML 10Page - Microsemi Corporation MX633 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Call Progress Tone Detector
9
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.1.4 Timing
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, VDD = 3.3V to 5.0V, TAMB =25°C, S/N = 20dB
Timing (ref. Figures 3, 4, 5 and 6)
Notes
Min.
Typ.
Max.
Units
tI
Call Progress Burst Length Ignored
70
ms
tL
Burst Length Detected
145
ms
tGI
Call Progress Tone Gap Length Ignored
1
20
ms
tGD
Call Progress Tone Gap Length Detected
1
40
ms
tRP
Call Progress Tone Response Time
2
145
ms
tDRP
Call Progress Tone De-response Time
145
ms
tGDR
Gap Detected Recorded
3
6
ms
tNG
Non Call Progress Signal Gap Length Ignored
4
80
ms
tNRP
Non Call Progress Signal Response Time
145
ms
tNDRP
Non Call Progress Signal De-response Time
80
ms
tCH
State Change
0
ms
tV
DETECT1 and DETECT2 Response Time
5
145
ms
Timing Notes:
1.
Only applies to bursts of the same frequency.
2.
For dual tones in 16dB SNR the Response Time may be longer.
3.
To acknowledge a short tone gap
≥ 40 ms, No Signal is indicated for a minimum of 6ms.
4.
If the gap > 90 ms, a No Signal state will be decoded.
5.
Time between a stable XTAL/CLK and a valid DETECT1 and DETECT2 state when ENABLE is high.
No Signal
SIGIN
DETECT1
Call Progress
Low Band
Call Progress
High Band
Call Progress
High Band
Call Progress
High Band
DETECT2
tI
tL
tGD
tRP
tDRP
tGI
tGDR
ENABLE
tDRP
tRP
tRP
Figure 3: Timing Diagram: Call Progress Tone (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com