Electronic Components Datasheet Search
  English  ▼

X  

MX633 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button MX633 Datasheet HTML 2Page - Microsemi Corporation MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation MX633 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Call Progress Tone Detector
6
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4. General Description
The following Glossary and Decode Truth Table (found in section 4.4), describe the MX633 decoding features and
functions.
4.1 Glossary
Call Progress Tones: The single and dual frequency tones in the range 350Hz to 620Hz specified widely for call
progress signaling.
Call Progress Band: The nominal range 340Hz to 650Hz within which the MX633 will detect Call Progress tones. The
detection algorithm requires that the tones have the characteristics typical of Call Progress Tones.
Call Progress Low Band: The nominal range 340Hz to 490Hz. The MX633 will detect single or dual tones falling
entirely within this range as Call Progress Low Band tones.
Call Progress High Band: The nominal range 600Hz to 650Hz. Single tones in this range, or dual tones
(e.g. 480 + 620Hz), having a material frequency component within this range are detected as Call Progress High Band
tones.
Non Call Progress Signal: A signal falling within the nominal range (a) 200Hz to 800Hz, but NOT within the Call
Progress Band, or (b) within the nominal range 200Hz to 800Hz, but NOT meeting the detection requirements when the
signal falls in the Call Progress Band.
Subject to the duration and other characteristics of such signals, the MX633 will usually interpret this as a Non Call
Progress Signal (e.g. speech or other signal activity).
Minimum Input Signal: The minimum signal level for the specified tone decoding performance.
No Signal: A signal falling outside the nominal range 120Hz to 900Hz or the absence of an input signal. Either will be
detected as a No Signal condition.
Nominal: Subject to dynamic tolerances within the signal analysis process. Absolute values are not material or adverse
to performance.
4.2 Overall Function Description
The MX633 Call Progress Tone Detector uses tone detection methods different from those methods commonly found in
other Call Progress Tone Detectors.
Many Call Progress Tone Detectors use a bandpass filter followed by an energy detector. The filter is usually designed to
pass input signals with a frequency between about 300Hz and 700Hz. Each signal amplitude in this range is checked
against a level threshold. Any signal of acceptable level in this frequency band is classified as a Call Progress tone,
including speech and noise signals. False outputs caused by speech are commonly indicated by such products and
background noise may lead to a stuck detect output.
In contrast, the MX633, uses a stochastic signal processing technique. This technique is based on analysis of both the
frequency and time domains, with signal amplitude forming a small part in the decision process. This analysis includes
checks on whether the signal has a profile that matches international standards for Call Progress tones, speech, noise or
other Non-Call-Progress signals. It also checks for U.S. Busy signal tones.
4.3 Block Diagram Description (Reference Figure 1)
4.3.1 Slicer
The input signal to the slicer is amplified by a self-biased inverting amplifier. The dc bias of this input is internally set at
VDD/2.
4.3.2 Signal Analyzer
The frequency range, quality and consistency of the input signal is analyzed by this functional block. To be classified as a
call progress signal, the input signal frequencies should lie between 340Hz and 650Hz. The signal to noise ratio must be
16dB or greater and the signal must be consistent over a period of about 140 ms. This decode criteria is continuously
monitored and the assessment updated every 7 ms, reference Figure 3.
The Signal Analyzer samples the call progress signal at 9.3kHz. Care should be taken to avoid high frequency
signals (
≥ 8.4kHz) aliasing into the call progress band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com