Electronic Components Datasheet Search
  English  ▼

X  

MX633 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 5 Page - Microsemi Corporation

  MX633 Datasheet HTML 1Page - Microsemi Corporation MX633 Datasheet HTML 2Page - Microsemi Corporation MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Call Progress Tone Detector
5
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
3. External Components
XTAL/
CLOCK
C1
C4
R1
X1
C2
8
7
2
3
4
5
6
DETECT1
MX633P
ENABLE
SIGIN
DETECT2
VDD
VSS
C3
1
XTAL
Figure 2: Recommended External Components
R1
1 M
Ω±10%
C1
33pF
±20%
C2
33pF
±20%
C3
560pF at 3.3VDD
1nF at 5.0VDD
±20%
C4
1.0µF
±20%
X1
Note 1
3.579545MHz
refer to sec.5.1
Table 2: Recommended External Components
Notes:
1.
For best results, a crystal oscillator design should drive the clock inverter input with signal levels of at least 40% of
VDD, peak to peak. Tuning fork crystals generally cannot meet this requirement. To obtain crystal oscillator design
assistance, consult your crystal manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com