Electronic Components Datasheet Search
  English  ▼

X  

MX633 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 1 Page - Microsemi Corporation

  MX633 Datasheet HTML 1Page - Microsemi Corporation MX633 Datasheet HTML 2Page - Microsemi Corporation MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA BULLETIN
MX633 Call Progress Tone Detector
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
PRELIMINARY INFORMATION
Features
Applications
• Worldwide Tone Compatibility
• Single and Dual Tones Detected
• U.S. Busy-Detect Output
• Voice-Detect Output
• Wide Dynamic Range > 40dBm
• Low Supply Current (0.3mA/0.5mA)
• Low Supply Voltage (3.3V/5.0V)
• Standard 3.58MHz Xtal
• Automatic Calling Products
DETECT2
DETECT1
SLICER
SIGIN
XTAL/
CLOCK
SIGNAL
ANALYZER
CONTROL
LOGIC
XTAL / CLOCK
OSCILLATOR
VSS
VDD
XTAL
ENABLE
The MX633 is a low cost, low power device that uses signal processing techniques to detect audible tone signals such as
Dial, Ringing, Busy and other conditions found when placing a call throughout the world’s telecom systems. Detection of
these call progress stages is essential to the proper operation of automatic calling products.
The MX633 adds new features to Call Progress monitoring. It detects and indicates the ‘U.S. Busy’ tones, reducing the
need to measure ‘tone cadence’ to identify ‘U.S. Busy’. It also detects and indicates voice and other signals from Call
Progress tones, reducing voice-falsing and adding voice-answer as a connection prompt.
The MX633 may be used with a 3.0V to a 5.5V supply and is available in the following package styles: 8-pin PDIP
(MX633P) and 16-pin SOIC (MX633DW).


Similar Part No. - MX633

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
MX631DW CMLMICRO-MX631DW Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
MX631P CMLMICRO-MX631P Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
logo
Maxim Integrated Produc...
MX636 MAXIM-MX636 Datasheet
123Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
MX636JC/D MAXIM-MX636JC/D Datasheet
123Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX633

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
MX623 ETC-MX623 Datasheet
59Kb / 6P
Line-Powered Call Progress Tone Detector
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com