Electronic Components Datasheet Search
  English  ▼

X  

MX633 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation MX633 Datasheet HTML 10Page - Microsemi Corporation MX633 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Call Progress Tone Detector
8
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.1.2 Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD – VSS)
3.0
5.5
V
Xtal Frequency
3.57
3.59
MHz
5.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, S/N = 16 dB, Noise Bandwidth = 5 kHz,
VDD = 3.3V to 5.0V, VSS = 0V, TAMB = 25°C, 0dB = 775mVRMS.
Notes
Min.
Typ.
Max.
Units
DC Parameters
Supply Current
IDD (ENABLE = 1)
(VDD = 5.0V)
1
0.5
1.0
mA
IDD (ENABLE = 1)
(VDD = 3.3V)
1
0.3
0.7
mA
Enable Input
Input Logic 1 Level
2
80%
VDD
Input Logic 0 Level
2
20%
VDD
Input Leakage Current (VIN = 0 to VDD)2
–
5.0
5.0
µA
Input Capacitance
2
10.0
pF
Detect Output
Output Logic 1 Level (lOH = 120µA)
3
90%
VDD
Output Logic 0 Level (lOL = 360µA)
3
10%
VDD
AC Parameters
SIGIN pin
Input Impedance (from 100Hz to 2kHz at 5.0V)
4
350
k
Ω
Input Signal Level
5
–
40
dB
Input Signal Dynamic Range
5
40
dB
Signal to Noise Ratio
16
dB
Xtal/Clock Oscillator
'High' Input Pulse Width
6
40
ns
'Low' Input Pulse Width
6
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (input = 1mVRMS at 100Hz)
20
dB
Operating Characteristics Notes:
1.
Not including any current drawn from the device pins by external circuitry.
2.
ENABLE pin.
3.
DETECT1 and DETECT2 pins.
4.
Small signal impedance over the frequency range 100Hz to 2000Hz and at 5.0V
5.
The input level is not critical as the detector uses a stochastic algorithm.
6.
Timing for an external input to the XTAL/CLOCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com