Electronic Components Datasheet Search
  English  ▼

X  

PCF5079T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF5079T Datasheet HTML 1Page - NXP Semiconductors PCF5079T Datasheet HTML 2Page - NXP Semiconductors PCF5079T Datasheet HTML 3Page - NXP Semiconductors PCF5079T Datasheet HTML 4Page - NXP Semiconductors PCF5079T Datasheet HTML 5Page - NXP Semiconductors PCF5079T Datasheet HTML 6Page - NXP Semiconductors PCF5079T Datasheet HTML 7Page - NXP Semiconductors PCF5079T Datasheet HTML 8Page - NXP Semiconductors PCF5079T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2001 Nov 21
5
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
6
PINNING
6.1
Pin description
Note
1. O = output, I = input, I/O = input/output, A = analog, D = digital, P = power supply and G = ground
SYMBOL
PIN
TYPE(1)
DESCRIPTION
VCG
1
O and A
PA control voltage output (GSM)
VINT(N)
2
I and A
negative integrator input
VCD
3
O and A
PA control voltage (DCS)
VS1
4
I/O and A
sensor signal input 1
VS2
5
I/O and A
sensor signal input 2
VSS
6
G
reference ground
VDAC
7
I and A
DAC input voltage
PU
8
I and D
power-up input
BS
9
I and D
band selection input
VDD
10
P
positive supply voltage
6.2
Pin configurations
handbook, halfpage
MGT326
PCF5079T
1
2
3
4
5
10
9
8
7
6
VCG
VINT(N)
VCD
VS1
VS2
VSS
VDAC
PU
BS
VDD
Fig.2
Pin configuration (top view) for PCF5079T,
pins are numbered counter-clockwise.
handbook, halfpage
VDD
VSS
VDAC
PU
BS
VS2
5
4
3
2
1
6
7
8
9
10
VS1
VCD
VINT(N)
VCG
PCF5079HK
MGU268
Fig.3
Pin configuration (bottom view) for
PCF5079HK, pins are numbered clockwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com