Electronic Components Datasheet Search
  English  ▼

X  

PCF5079T Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF5079T Datasheet HTML 14Page - NXP Semiconductors PCF5079T Datasheet HTML 15Page - NXP Semiconductors PCF5079T Datasheet HTML 16Page - NXP Semiconductors PCF5079T Datasheet HTML 17Page - NXP Semiconductors PCF5079T Datasheet HTML 18Page - NXP Semiconductors PCF5079T Datasheet HTML 19Page - NXP Semiconductors PCF5079T Datasheet HTML 20Page - NXP Semiconductors PCF5079T Datasheet HTML 21Page - NXP Semiconductors PCF5079T Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2001 Nov 21
18
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
12.3
Detected voltage measurement
RF GMSK
MODULATED
SIGNAL
MGU223
GSM: 39 pF
DCS: 8.2 pF
1 k
Ω
VDD
PCF5079
PROBE
Fig.16 Set-up for measuring detected voltage for 900 MHz and 1800 MHz working.
handbook, full pagewidth
−20
−15
−10
−5
5
10
15
Pin (dBm)
VVS1, VVS2
0
(2)
(1)
10
1
10−1
10−2
MGU224
Fig.17 Detected voltage as a function of incident power for 1PS79SB62 detector diodes.
(1) DCS.
(2) GSM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com