Electronic Components Datasheet Search
  English  ▼

X  

PCF5079T Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF5079T Datasheet HTML 16Page - NXP Semiconductors PCF5079T Datasheet HTML 17Page - NXP Semiconductors PCF5079T Datasheet HTML 18Page - NXP Semiconductors PCF5079T Datasheet HTML 19Page - NXP Semiconductors PCF5079T Datasheet HTML 20Page - NXP Semiconductors PCF5079T Datasheet HTML 21Page - NXP Semiconductors PCF5079T Datasheet HTML 22Page - NXP Semiconductors PCF5079T Datasheet HTML 23Page - NXP Semiconductors PCF5079T Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
handbook, full pagewidth
MGT757
39
pF
HIGH GAIN
UHF AMPLIFIER
MODULE
47 pF
47 pF
53
2
PCF5079
BGY280
14
10
6
9
VC2
VC1
VCD
VCG VS1
VS2
VS1
TXGSM
TXDCS
VS2
VSS
VDD
VINT(N)
8
7
BS
PU
VDAC
band select
power-up
control voltage
+2.4 to 6 V
+3.6 V
47
Ω
1 k
Ω
1PS79SB62
220
µF
100 nF
100 nF
Murata
LDC15H200J0897
RFoutGSM
RFinGSM
RFinDCS
8
9
10
11
14
4
12
1
2
3
6
16
15
13
57
8.2
pF
47
Ω
47
Ω
(1)
68
Ω
(1)
1 k
Ω
1PS79SB62
Murata
LDC15H180J1747
RFoutDCS
Fig.19 Application diagram.
(1) Precise value depends on the PCB design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com