Electronic Components Datasheet Search
  English  ▼

X  

PCF5079T Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF5079T Datasheet HTML 20Page - NXP Semiconductors PCF5079T Datasheet HTML 21Page - NXP Semiconductors PCF5079T Datasheet HTML 22Page - NXP Semiconductors PCF5079T Datasheet HTML 23Page - NXP Semiconductors PCF5079T Datasheet HTML 24Page - NXP Semiconductors PCF5079T Datasheet HTML 25Page - NXP Semiconductors PCF5079T Datasheet HTML 26Page - NXP Semiconductors PCF5079T Datasheet HTML 27Page - NXP Semiconductors PCF5079T Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
2001 Nov 21
26
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
15.2.3
STENCIL DESIGN FOR PERIMETER PADS
For optimum paste release the area and aspect ratios of
the stencil should be greater than 0.66 and 1.5
respectively.
where:
L = aperture length
W = aperture width
T = stencil thickness.
15.2.4
STENCIL DESIGN FOR THERMAL PADS
In order to remove the heat effectively from the package
and to enhance electrical performance the die-attach
paddle needs to be soldered to the PCB thermal pad,
preferably with minimum voids.
It is therefore recommended that smaller, multiple
openings in a stencil should be used instead of one large
opening for printing solder paste in the thermal pad region.
This results typically in 50% to 80% solder paste coverage.
Two examples are shown in Fig.21.
15.2.5
STENCIL THICKNESS
A stencil thickness of 0.125 to 0.150 mm is recommended
but this value needs to be optimized by the user to find the
proper thickness according to application requirements.
Area ratio
area of aperture opening
aperture wall area
-----------------------------------------------------------------
LW
×
2T(L + W)
--------------------------
=
=
Aspect ratio
aperture width
stencil thickness
-------------------------------------------
W
T
-----
==
handbook, full pagewidth
MGW499
Fig.21 Examples of thermal pad stencil design.
a. Outline of 0.4 mm2 2
× 2 array giving
44% solder paste coverage.
b. Outline of 1.2 mm2 2
× 1 array giving
60% solder paste coverage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com