Electronic Components Datasheet Search
  English  ▼

X  

PCF5079T Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF5079T Datasheet HTML 10Page - NXP Semiconductors PCF5079T Datasheet HTML 11Page - NXP Semiconductors PCF5079T Datasheet HTML 12Page - NXP Semiconductors PCF5079T Datasheet HTML 13Page - NXP Semiconductors PCF5079T Datasheet HTML 14Page - NXP Semiconductors PCF5079T Datasheet HTML 15Page - NXP Semiconductors PCF5079T Datasheet HTML 16Page - NXP Semiconductors PCF5079T Datasheet HTML 17Page - NXP Semiconductors PCF5079T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
2001 Nov 21
14
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
handbook, halfpage
300
1300
RL (Ω)
1
VVCD or VVCG
VDD
0.80
0.84
MGT335
0.88
0.92
0.96
500
700
900
1100
Fig.9
Minimum
as a function
of RL.
V
VCD or VVCG
V
DD
------------------------------------
VDD = 2.5 V.
handbook, halfpage
2.5
3.5
4.5
34
5
VDD (V)
1
0.6
MGT336
0.9
0.8
0.7
(1)
(2)
(3)
VVCD or VVCG
VDD
Fig.10 Minimum
as a function
of VDD.
V
VCD or VVCG
V
DD
------------------------------------
(1) IL = 6 mA.
(2) IL = 8 mA.
(3) IL =10mA.
handbook, halfpage
4
0
2
3
1
MGW101
103
104
105
f (Hz)
delay
(
µs)
106
Fig.11 Low-pass filter group delay at pins VCD
and VCG (typical values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com