Electronic Components Datasheet Search
  English  ▼

X  

PCF5079T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF5079T
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF5079T Datasheet HTML 5Page - NXP Semiconductors PCF5079T Datasheet HTML 6Page - NXP Semiconductors PCF5079T Datasheet HTML 7Page - NXP Semiconductors PCF5079T Datasheet HTML 8Page - NXP Semiconductors PCF5079T Datasheet HTML 9Page - NXP Semiconductors PCF5079T Datasheet HTML 10Page - NXP Semiconductors PCF5079T Datasheet HTML 11Page - NXP Semiconductors PCF5079T Datasheet HTML 12Page - NXP Semiconductors PCF5079T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2001 Nov 21
9
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
7.7
Considerations for ramp-down
Referring to Fig.5, the i-th code can be programmed to
have either the CODEEND or CODESTART value or any
code between, depending on the application preferences.
These codes do not produce any power at the output of the
PA, as CODESTART has been chosen to keep the PA
isolation. The proper conclusion of the ramp-down is
ensured by choosing CODEEND < CODESTART so that the
discharge of the integration capacitance is controlled until
the control voltage on pin VCD or VCG goes below the PA
conduction threshold and by applying at this time the PU
transition from logic 1 to logic 0.
At the beginning of a burst, the VDAC signal steps applied
at OP1 are not compensated by any signal at the sensor
input up to when pin VCD or VCG voltage is greater than
the PA conduction threshold voltage. In any case, the
initial DAC voltage steps are stored in the capacitance of
amplifier OP1. CODEEND has to be chosen so that the
energy inside the shaded zone cancels the energy
accumulated in the summing node (OP1) at the start of a
burst and not balanced by a feedback signal at the sensor
input.
The exact value of the energy required depends on the
specific PA, on the characteristics of the overall loop and
on the values chosen for the settable parameters inside
the loop.
A rough idea can be derived with a simplified analysis of a
ramp-up, ramp-down cycle using the following
simplifications:
• The starting conditions for OP1 and OP4 are biasing at
Vhome with zero charge on capacitances
• The initial rising of pin VCD or VCG voltage from Vhome
is caused only by the integration of the constant
CODEKICK
• VDAC is treated as applied directly at the summing
node, initially neglecting the transmission delay through
the internal low-pass filter.
Generally, the integrator OP4 input can be expressed as
(1)
where gs and gd are respectively the gains of sensor input
and DAC input in the summing amplifier OP1.
Equation (1) holds for closed loop operation. In the time
interval between the rising of pin VCD or VCG voltage due
to CODEKICK (t = 0) and when Vconduction for the PA is
reached (t = t1), ∆Vs is 0 and operation is open loop. In this
time interval, a charge accumulates in the summing node,
which remains uncompensated.
Time t1 can be calculated with the preceding simplification.
Now, to define the quantity
(2)
the current/voltage equations around the integrator OP4
can be solved by forcing the current through R1 to be
equal to the current through the integration capacitance
and calculating the
∆V generated on CINT, then
(3)
where
(4)
Substituting equation (4) into equation (3)
(5)
Under the hypothesis the voltage is constant:
(6)
Equation (6) can be used to calculate time t1 at which the
conduction of the PA is reached, considering that
(7)
(8)
Time t1 depends on the time constant of the integrator, by
the PA and by
∆VKICK. The condition to be fulfilled is that
the energy contained in the shaded zone (Fig.5) is at least
equal to the energy accumulated at the beginning:
(9)
where k is the number of quarter-bits during which
CODEEND is applied.
V
in integrator
()
g
s
∆V
s
×
g
d
∆V
VDAC
×
–
=
∆V
KICK
CODE
KICK
CODE
START
–
=
∆V
CINT
1
C
CINT
---------------
i
τ
() τ
d
0
t
∫
×
=
i
τ
()
g
d
∆V
KICK
×
R1
-------------------------------
=
∆V
CINT
1
C
CINT
R1
×
-----------------------------
g
0
t
∫
d
×∆V
KICK
×
d
τ
=
∆V
CINT
1
C
CINT
R1
×
-----------------------------
g
d
×∆V
KICK
×
t
×
=
tt
1
V
home
∆V
CINT
V
conduction
=
+
⇒
=
t
1
R1
C
CINT
×
V
conduction
V
home
–
g
d
∆V
KICK
×
-----------------------------------------------
×
=
V
out
OP1
2
(t) dt = k
QB
CODE
END
CODE
START
–
()
2
×
×
0
t
1
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com