Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCFS Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 7Page - ATMEL Corporation TS8388BCFS Datasheet HTML 8Page - ATMEL Corporation TS8388BCFS Datasheet HTML 9Page - ATMEL Corporation TS8388BCFS Datasheet HTML 10Page - ATMEL Corporation TS8388BCFS Datasheet HTML 11Page - ATMEL Corporation TS8388BCFS Datasheet HTML 12Page - ATMEL Corporation TS8388BCFS Datasheet HTML 13Page - ATMEL Corporation TS8388BCFS Datasheet HTML 14Page - ATMEL Corporation TS8388BCFS Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
TS8388B
2144C–BDC–04/03
Explanation of
Test Levels
Notes:
1. Unless otherwise specified, all tests are pulsed tests: therefore Tj = Tc = Ta, where Tj, Tc
and Ta are junction, case and ambient temperature respectively.
2. Refer to “Ordering Information” on page 50.
3. Only MIN and MAX values are guaranteed (typical values are issuing from characterization
results).
Functions
Description
Table 4. Explanation of Test Levels
Num
Characteristics
1
100% production tested at +25
°C(1) (for “C” Temperature range(2)).
2
100% production tested at +25
°C(1), and sample tested at specified temperatures
(for “V” and “M” Temperature range(2)).
3
Sample tested only at specified temperatures.
4
Parameter is guaranteed by design and characterization testing (thermal steady-state
conditions at specified temperature).
5
Parameter is a typical value only.
6
100% production tested over specified temperature range
(for “B/Q” Temperature range(2)).
Table 5. Functions Description
Name
Function
VCC
Positive power supply
V
EE
Analog negative power supply
VPLUSD
Digital positive power supply
GND
Ground
V
IN, VINB
Differential analog inputs
CLK, CLKB
Differential clock inputs
<D0:D7>
<D0B:D7B>
Differential output data port
DR, DRB
Differential data ready outputs
OR, ORB
Out of range outputs
GAIN
ADC gain adjust
GORB
Gray or Binary digital output select
DIOD/DRRB
Die junction temperature measurement/
asynchronous data ready reset
VIN
VINB
CLK
CLKB
D0
D7
D0B
D7B
16
DVEE = -5V
VCC = +5V
VPLUSD = +0V (ECL)
VPLUSD = +2.4V (LVDS)
TS8388B
VEE = -5V
GND
GAIN
GORG
DIOD/
DRRB
OR
ORB
DR
DRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com