Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCFS Datasheet(PDF) 29 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 25Page - ATMEL Corporation TS8388BCFS Datasheet HTML 26Page - ATMEL Corporation TS8388BCFS Datasheet HTML 27Page - ATMEL Corporation TS8388BCFS Datasheet HTML 28Page - ATMEL Corporation TS8388BCFS Datasheet HTML 29Page - ATMEL Corporation TS8388BCFS Datasheet HTML 30Page - ATMEL Corporation TS8388BCFS Datasheet HTML 31Page - ATMEL Corporation TS8388BCFS Datasheet HTML 32Page - ATMEL Corporation TS8388BCFS Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
29
TS8388B
2144C–BDC–04/03
Data Ready Output
Signal Restart
The Data Ready output signal restarts on DRRB command rising edge, ECL logical high levels
(-0.8V). DRRB may also be Grounded, or is allowed to float, for normal free running Data
Ready output signal.
The Data Ready signal restart sequence depends on the logical level of the external encoding
clock, at DRRB rising edge instant:
•
The DRRB rising edge occurs when external encoding clock input (CLK, CLKB) is LOW:
The Data Ready output first rising edge occurs after half a clock period on the clock falling
edge, after a delay time TDR = 1320 ps already defined hereabove.
•
The DRRB rising edge occurs when external encoding clock input (CLK, CLKB) is HIGH:
The Data Ready output first rising edge occurs after one clock period on the clock falling
edge, and a delay TDR = 1320 ps.
Consequently, as the analog input is sampled on clock rising edge, the first digitized data cor-
responding to the first acquisition (N) after Data Ready signal restart (rising edge) is always
strobed by the third rising edge of the data ready signal.
The time delay (TD1) is specified between the last point of a change in the differential output
data (zero crossing point) to the rising or falling edge of the differential Data Ready signal (DR,
DRB) (zero crossing point).
For normal initialization of Data Ready output signal, the external encoding clock signal fre-
quency and level must be controlled. It is reminded that the minimum encoding clock sampling
rate for the ADC is 10 MSPS and consequently the clock cannot be stopped.
One single pin is used for both DRRB input command and die junction temperature monitor-
ing. Pin denomination will be DRRB/DIOD. On the former version denomination was DIOD.
Temperature monitoring and Data Ready control by DRRB is not possible simultaneously.
Analog Inputs (V
IN)
(V
INB)
The analog input Full Scale range is 0.5V peak to peak (Vpp), or -2 dBm into the 50
Ω termina-
tion resistor.
In differential mode input configuration, that means 0.25V on each input, or ±125 mV around
0V. The input common mode is GROUND.
The typical input capacitance is 3 pF for TS8388B in CQFP and CBGA packages.
The input capacitance is mainly due to the package. The ESD protections are not connected
(but present) on the inputs.
Differential Inputs
Voltage Span
Figure 29. Differential Inputs Voltage Span
-125
125
[mV]
-250 mV
VIN
(VIN, VINB) =
±250 mV = 500 mV diff
500 mV
Full Scale
analog input
t
VINB
0V
250 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com