Electronic Components Datasheet Search
  English  ▼

X  

TS8388BCFS Datasheet(PDF) 12 Page - ATMEL Corporation

Part # TS8388BCFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCFS Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button TS8388BCFS Datasheet HTML 8Page - ATMEL Corporation TS8388BCFS Datasheet HTML 9Page - ATMEL Corporation TS8388BCFS Datasheet HTML 10Page - ATMEL Corporation TS8388BCFS Datasheet HTML 11Page - ATMEL Corporation TS8388BCFS Datasheet HTML 12Page - ATMEL Corporation TS8388BCFS Datasheet HTML 13Page - ATMEL Corporation TS8388BCFS Datasheet HTML 14Page - ATMEL Corporation TS8388BCFS Datasheet HTML 15Page - ATMEL Corporation TS8388BCFS Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
12
TS8388B
2144C–BDC–04/03
Digital Output
Coding
NRZ (Non Return to Zero) mode, ideal coding: does not include gain, offset, and linearity volt-
age errors.
Table 6. Digital Output Coding
Differential
Analog Input
Voltage Level
Digital Output
Out of
Range
Binary
GORB = VCC or Floating
Gray
GORB = GND
> +251 mV
> Positive full scale + 1/2 lsb
1 1 1 1 1 1 1 1
1 0 0 0 0 0 0 0
1
+251 mV
+249 mV
Positive full scale + 1/2 lsb
Positive full scale - 1/2 lsb
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
1 0 0 0 0 0 0 0
1 0 0 0 0 0 0 1
0
0
+126 mV
+124 mV
Positive 1/2 scale + 1/2 lsb
Positive 1/2 scale - 1/2 lsb
1 1 0 0 0 0 0 0
1 0 1 1 1 1 1 1
1 0 1 0 0 0 0 0
1 1 1 0 0 0 0 0
0
0
+1 mV
-1 mV
Bipolar zero + 1/2 lsb
Bipolar zero - 1/2 lsb
1 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1
1 1 0 0 0 0 0 0
0 1 0 0 0 0 0 0
0
0
-124 mV
-126 mV
Negative 1/2 scale + 1/2 lsb
Negative 1/2 scale - 1/2 lsb
0 1 0 0 0 0 0 0
0 0 1 1 1 1 1 1
0 1 1 0 0 0 0 0
0 0 1 0 0 0 0 0
0
0
-249 mV
-251 mV
Negative full scale + 1/2 lsb
Negative full scale - 1/2 lsb
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
0
0
< -251 mV
< Negative full scale - 1/2 lsb
0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com