Electronic Components Datasheet Search
  English  ▼

X  

FASTENERCAP Datasheet(PDF) 69 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 69 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 65Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 66Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 67Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 68Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 69Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 70Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 71Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 72Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 73Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
頁數(Page): 2 of 11
號碼(No.) : CE/2015/53008
日期(Date) : 2015/05/20
SIL-MORE INDUSTRIAL LTD.
測試報告
Test Report
新北市三重區興德路100號16樓
16F, NO. 100, XINGDE RD., SANCHONG DISTRICT, NEW TAIPEI CITY 24158, TAIWAN
喬越實業有限公司
*CE/2015/53008*
:
No.1
2
n.d.
2
n.d.
2
n.d.
2
n.d.
50
n.d.
50
n.d.
汞 / Mercury (Hg)
mg/kg
六價鉻 / Hexavalent Chromium Cr(VI)
mg/kg
參考IEC 62321-5: 2013方法, 以感應
耦合電漿原子發射光譜儀檢測. / With
reference to IEC 62321-5: 2013 and
performed by ICP-AES.
參考IEC 62321-5: 2013方法, 以感應
耦合電漿原子發射光譜儀檢測. / With
reference to IEC 62321-5: 2013 and
performed by ICP-AES.
參考IEC 62321-4: 2013方法, 以感應
耦合電漿原子發射光譜儀檢測. / With
reference to IEC 62321-4: 2013 and
performed by ICP-AES.
參考IEC 62321: 2008方法, 以UV-VIS
檢測. / With reference to IEC
62321: 2008 and performed by UV-
VIS.
灰色膏狀 (GRAY PASTE)
測試結果(Test Results)
測試部位(PART NAME)No.1
測試項目
(Test Items)
單位
(Unit)
方法偵測
極限值
(MDL)
測試方法
(Method)
鉛 / Lead (Pb)
mg/kg
鎘 / Cadmium (Cd)
mg/kg
鄰苯二甲酸二異丁酯 / DIBP (Di-
isobutyl phthalate) (CAS No.: 84-69-
5)
mg/kg
參考IEC 62321-8 (111/321/CD),以氣
相層析儀/質譜儀檢測之. / With
reference to IEC 62321-8
(111/321/CD). Analysis was
performed by GC/MS.
參考IEC 62321-8 (111/321/CD),以氣
相層析儀/質譜儀檢測之. / With
reference to IEC 62321-8
(111/321/CD). Analysis was
performed by GC/MS.
結果 (Result)
鄰苯二甲酸二丁酯 / DBP (Dibutyl
phthalate) (CAS No.: 84-74-2)
mg/kg
33, Wu Chuan Rd., New Taipei Industrial Park, New Taipei City, Taiwan /
新北市新北產業園區五權路33號
t+886 (02)2299 3279 f+886 (02)2299 3237
www.sgs.tw
Member of the SGS Group
SGS Taiwan Ltd.
台灣檢驗科技股份有限公司
This document is issued by the Company subject to its General Conditions of Service printed overleaf, available on request or accessible at http://www.sgs.com/en/Terms-and-Conditions.aspx
and, for electronic format documents, subject to Terms and Conditions for Electronic Documents at http://www.sgs.com/en/Terms-and-Conditions/Termse-Document.aspx. Attention is
drawn to the limitation of liability, indemnification and jurisdiction issues defined therein. Any holder of this document is advised that information contained hereon reflects the Company’s
findings at the time of its intervention only and within the limits of client’s instruction, if any. The Company’s sole responsibility is to its Client and this document does not exonerate parties
to a transaction from exercising all their rights and obligations under the transaction documents. This document cannot be reproduced, except in full, without prior written approval of the
Company. Any unauthorized alteration, forgery or falsification of the content or appearance of this document is unlawful and offenders may be prosecuted to the fullest extent of the law.
Unless otherwise stated the results shown in this test report refer only to the sample(s) tested.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com