Electronic Components Datasheet Search
  English  ▼

X  

FASTENERCAP Datasheet(PDF) 44 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 44 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 40Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 41Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 42Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 43Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 44Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 45Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 46Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 47Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 48Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image

    
 '  
&% +
  
4 2
 .
 0. 28
1 @ 69 !1
4 2
 .
 1 9.

1 @ // *
'4 .
2 /
0
81
/= 8
//; 7;
:9 81 1 1 2 .8 99 8 1
7 / 0 / 0 9.
3 J
2 .8 ?9/688 4
 
      
    
#1/  1 
+ /6 1 
186
4 /B/1 #6 1  5
 ;.1
4 918
81
/=
" : %+5+

2 //19
2 1/
 //19
2 1/
881 81
1 

&  1
<K<L 
? 9 1 
#1/  1  8
& 8M6 2 
881 $:
81 . ;/9 7N18
 9 /
8 = / 2 
-:-1

+
@ 1/1 0
? 9 1 
881 $:
81 . ;/9 7N18
 9 /
8 = / 2 
8 9 /
1819
.
9
 J "
 9
 ;$ 9 1 2
01 . -:-1

 1 1=
 1=

J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com