Electronic Components Datasheet Search
  English  ▼

X  

FASTENERCAP Datasheet(PDF) 43 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 43 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 39Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 40Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 41Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 42Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 43Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 44Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 45Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 46Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 47Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image

    
   
6/ 
  9 1 1 
+ 912 
++ +2 / "
 9 1 1 
+ 
:
+1/= ; 2 /
2 B 
34  25B C 
2 C D
34  C  .8 
9 1  121
3'4  C 
9 8 3 E  4
34 F:F C
6/ 8
&+ 1 9 1= 55%
 .8  34*1 . 
9
"% ':'$ 8
21 1  82162 7; " : %+
34*1 . 
9
"% ':'$ 8
21 1  8 7; " : %+
3'4*1 . 
9
"% ':'$ 8
21 1   96 ; 7; " : %+
34*1 . 
9
"% 'G$ 8
21 1   & ?=/  . 2162 7;
5
/ 12 19  .8 6 1 -:-1
82162 3 84

25B
 
 8 374
$
25B
 
 96 ; 3&4
$
25B
 
& ?=/  . 2162 3 -"4
:
:
H
1=
" 23 4
121
1


34 . 2?1262
21 17/ /121 1 >6
8  2 . 81 9 1= 55%$ ? ""
34I+
:

 1= C 7 9
 -" 9  1$  1 1= C 
9
 -" 9  1A
3 .
8 2 /
.6/8 7 6 . = 118 7; 71/1:0 : ? 9 1  2 . 8 1 .
6/ 1
 1=
9 7 9 1 2 84
I@ 1/1:0 : ? 9 1 
 1= C 7 9
 -" 9  1
 1 1= C 
9
 -" 9  1A . 8
9 8 9 9   1 1 71/1:0 : ? 9 1 
/6 1 1
>6/
 
.  25B 01 .  92 2 /
6 9  
" 2 1  
 9 81 1  8
869 1  8
 .
8 2 / 1 6=1/7/ 8 .6
6/
 3-"4

 6
 . 2 /  . 12

1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com