Electronic Components Datasheet Search
  English  ▼

X  

FASTENERCAP Datasheet(PDF) 74 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 74 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 70Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 71Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 72Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 73Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 74Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 75Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 76Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 77Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 78Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
頁數(Page): 7 of 11
號碼(No.) : CE/2015/53008
日期(Date) : 2015/05/20
SIL-MORE INDUSTRIAL LTD.
測試報告
Test Report
新北市三重區興德路100號16樓
16F, NO. 100, XINGDE RD., SANCHONG DISTRICT, NEW TAIPEI CITY 24158, TAIWAN
喬越實業有限公司
*CE/2015/53008*
鹵素分析流程圖 /
Analytical flow chart of halogen content
測試人員:陳恩臻
/ Name of the person who made measurement: Rita Chen
測試負責人:張啟興
/ Name of the person in charge of measurement: Troy Chang
樣品前處理
/分樣 /
Sample pretreatment/separation
秤重及將樣品放入樣品槽中
/
Weighting and putting sample in cell
燃燒彈
/吸收
Oxygen Bomb Combustion / Absorption
離子層析儀分析
/
Analysis was performed by IC
稀釋至固定體積
/
Dilution to fixed volume
33, Wu Chuan Rd., New Taipei Industrial Park, New Taipei City, Taiwan /
新北市新北產業園區五權路33號
t+886 (02)2299 3279 f+886 (02)2299 3237
www.sgs.tw
Member of the SGS Group
SGS Taiwan Ltd.
台灣檢驗科技股份有限公司
This document is issued by the Company subject to its General Conditions of Service printed overleaf, available on request or accessible at http://www.sgs.com/en/Terms-and-Conditions.aspx
and, for electronic format documents, subject to Terms and Conditions for Electronic Documents at http://www.sgs.com/en/Terms-and-Conditions/Termse-Document.aspx. Attention is
drawn to the limitation of liability, indemnification and jurisdiction issues defined therein. Any holder of this document is advised that information contained hereon reflects the Company’s
findings at the time of its intervention only and within the limits of client’s instruction, if any. The Company’s sole responsibility is to its Client and this document does not exonerate parties
to a transaction from exercising all their rights and obligations under the transaction documents. This document cannot be reproduced, except in full, without prior written approval of the
Company. Any unauthorized alteration, forgery or falsification of the content or appearance of this document is unlawful and offenders may be prosecuted to the fullest extent of the law.
Unless otherwise stated the results shown in this test report refer only to the sample(s) tested.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com