Electronic Components Datasheet Search
  English  ▼

X  

FASTENERCAP Datasheet(PDF) 56 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 56 Page - Delta Electronics, Inc.

Back Button FASTENERCAP Datasheet HTML 52Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 53Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 54Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 55Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 56Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 57Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 58Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 59Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 60Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Test Report.
No. SHAEC1515770519
Date: 13 Aug 2015.
Page 1 of 5.
NANTONG DIC COLOR CO.,LTD .
NO 11 ZHONGYANG ROAD NANTONG ECONOMIC&TECHNOLOGICAL DEVELOPMENT AREA JIANGSU
PROVINCE
.
.
The following sample(s) was/were submitted and identified on behalf of the clients as : DRAGON-FC BLACK .
SGS Job No. :
SP15-026570 - SH.
Date of Sample Received : . 06 Aug 2015.
Testing Period :.
06 Aug 2015 - 13 Aug 2015 .
Test Requested :.
Selected test(s) as requested by client. .
Please refer to next page(s). .
Please refer to next page(s). .
Test Method :.
Test Results :.
Conclusion :.
Based on the performed tests on submitted sample(s), the results of Lead,
Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBBs),
Polybrominated diphenyl ethers (PBDEs) comply with the limits as set by RoHS
Directive 2011/65/EU Annex II; recasting 2002/95/EC. .
Terry Wang.
Approved Signatory .
Signed for and on behalf of
SGS-CSTC Standards Technical Services (Shanghai) Co., Ltd..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com